Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 29Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 30Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 31Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 32Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 33Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 34Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 35Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 36Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-18
Freescale Semiconductor
2.13
2D ACE - Display Controller Port
The LS1021A has an internal Display Control Unit (2D ACE), suitable for driving video at resolutions
up to XVGA (1024 x 768 x 24 bpp x 60 Hz); higher resolutions such as UXGA may be possible depending
on overall system memory bandwidth. The display buffer resides in main memory, with the R-G-B pixel
data streaming out at a rate sufficient to maintain the LCD raster. Since the DCU handles all the raster
generation, all that remains is to convert the data stream into a format suitable for the LCD displays.
The DCU hardware signals are extracted from the QE_TDM port and then drives either DVI or HDMI
ports onboard as in the below Figure 2-13.
Figure 2-13. DIU architecture
NOTE
The DIU is an output-only port, so multiple levels of multiplexing and
translation do not effect the output, as long as good signal integrity is
maintained.
2.13.1
Display Control Unit (2D-ACE) programming/setup information
The DCU needs to be programmed to generate the pixel data/clock/enables in order to properly drive the
selected encoder. Specific encoder information follows, but for all three the following steps apply:
•
Program the DCU with the following information:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com