Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 7Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 8Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 9Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 10Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 11Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 12Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 13Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 14Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
LS1021A/LS1020A Overview
TWR-LS1021A Reference Manual, Rev. 0
1-2
Freescale Semiconductor
1.2
Silicon features
A LS1021A or LS1020A processor includes the following functions and features:
•
Two (LS1021A) ARM Cortex-A7 cores based on Harvard architecture including AMBA4
MPCORE™ Virtualization, each with separate ECC protected L1 32KB I Cache and 32KB D
Cache and a shared 512 KB L2 cache with ECC protection.
— Up to 1.0 GHz at 1.0 V with 32-bit ISA support
— Three levels of instructions: User, supervisor, and hypervisor
— Independent boot and reset
— Secure boot capability with QorIQ Trust Architecture and ARM TrustZone support
•
Hierarchical interconnect fabric
— Cache Coherency Interconnect (CCI-400)
•
16-/32-bit DDR3LP/DDR4 SDRAM memory controller with ECC
•
Encryption/Decryption (SEC 5.x)
•
RegEx pattern matching (PME 2)
•
VeTSEC Ethernet interfaces
— Three 1 Gbps Ethernet controllers with IEEE 1588
•
High speed peripheral interfaces
— Two PCI Express 2.0 controllers/ports running at up to 5 GHz
•
Additional peripheral interfaces
— One SATA3 controller supporting up to 6 Gb/s operation
— One USB 2.0/3.0 controller with integrated PHY, and one USB 2.0 controller with ULPI
interface
— SD/SDXC/eMMC
— Two SPI controllers and one QuadSPI controller
— Three I2C controllers
— Four 16550 compliant UARTs and 6 LPUARTs
— Integrated flash controller (IFC)
— Integrated LCD controller 2D-ACE (only on LS1021A)
— Four FlexCAN controllers (only on LS1021A)
•
Multicore programmable interrupt controller (PIC)
•
One 8-channel DMA engine
•
QUICC Engine block (LS1021A only)
— 32-bit RISC controller for flexible support of the communications peripherals
— Serial DMA channel for receive and transmit on all serial channels
— Two universal communication controllers, supporting TDM, HDLC, UART, and ISDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com