Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 8Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 9Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 10Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 11Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 12Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 13Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 14Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 15Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
LS1021A/LS1020A Overview
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
1-3
1.3
Board features
The features of the TWR-LS1021A reference board are as follows:
•
SERDES Connections
— Four lanes supporting:
– PCI Express: supporting Gen 1 and Gen 2
–SGMII
– SATA 2.0/3.0
– Integrated USB3 PHY features dedicated SERDES lane
•
DDR Controller
— Supports rates of up to 1600 MHz data-rate
— Supports 1 GB unbuffered DDR3L SDRAM discrete devices (32-bit bus)
— DDR power supplies 1.35 V to all devices with automatic tracking of VTT
•
IFC/Local Bus
— NOR: 16-bit, non-multiplexed, up to 128 MB
– NOR devices support two virtual banks
— CPLD: 8-bit registers in CPLD to configure some mux/demux selection
•
Ethernet
— One on-board RGMII 10/100/1G ethernet port
— IEEE1588 test header on board
— Two on-board SGMII 10/100/1G ethernet ports
•
System Logic CPLD
— Manages system power and reset sequencing
— LCD 2-bit FDI convert to 1-bit
— Latch IFC address/data multiplexed signals.
— Signal mux/demux function (for example, CAN3/4_TX/RX, LCD and UCC)
— Level shifter (for example, USB2 signals)
— NOR bank selection logic
•Clocks
— System and DDR clock (SYSCLK, “DDRCLK”)
– Switch selectable to one of four settings: 66 MHz, 80 MHz, 83 MHz and 100 MHz for
system clock
— 100 MHz new single-source DIFF_SYCLK_/DIFF_SYSCLK_N input to processor which
supports to core/platform SYSCLK, DDR controller (DDRCLK), and USB controller
(USBCLK)
— SERDES clocks
– Provides clocks to all SerDes blocks and slots
– 100 MHz or 125 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com