Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 9Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 10Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 11Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 12Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 13Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 14Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 15Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 16Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
LS1021A/LS1020A Overview
TWR-LS1021A Reference Manual, Rev. 0
1-4
Freescale Semiconductor
•
Power Supplies
— Dedicated regulator for VDD and VDDC and DDR GVDD
— DDR3 power supply for GVDD: 1.35V
– VTT/MVREF automatically track operating voltage
— Dedicated regulators/filters for AVDD supplies
— Dedicated regulators for other supplies: OVDD, BVDD, DVDD, LVDD, POVDD, and so on
•Video
— Support TWR-LCD module which support a 3.2” QVGA TFT LCD display
— Support TWR-LCD-RGB module which support a 4.3” WQVGA TFT LCD display
— LCD controller (2D-ACE) supports video at up to 1280x1024x32bpp
– Siliconimage SiI9022A for HDMI connection on board
•USB
— Support two USB 3.0 type A ports
— Support two USB2.0 connection on two mini PCIE connectors
— Support one USB2.0 ULPI port by TWR-SER2 module
•SDHC
— SDHC port connects directly to a full SD/MMC slot.
•
EEPROM
— DDR SPD Configuration
— Board MAC address configuration
•MBED
— Serial-to-USB converter
— Flash programmer
— Run-control debug interface and others applications
1.4
Block diagram
This section provides a high-level overview of the LS1021A and LS1020A processors, as well as the
TWR-LS1021A/LS1020A platform. Figure 1-1 shows the major functional units within the LS1021A
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com