Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1020A Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 23Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 24Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 25Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 27Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 28Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 29Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 30Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-12
Freescale Semiconductor
2.8.2
SGMII support
TWR-LS1021A supports evaluation of the SGMII protocol for serialized Ethernet PHYs. Ethernet data is
carried over the SerDes lanes. On TWR-LS1021A, two Atheros AR8033 PHY are used to support SGMII
mode.
2.8.3
SATA support
SATA could be evaluated an on-board SATA headers. LS1021A could support SATA3.0 protocol with
maximum 6 Gbps data rate.
2.8.4
SerDes configuration and setup
The SerDes multiplexers require initialization of several CPLD register bits. CPLD attempts to preset the
values based on a DIP switch, which should be set to match the selected RCW[cfg_srds1_prtcl] field.
Software can override the presets at any time.
GND
9
10
UIM_DATA
CLKREQ#
7
8
UIM_PWR
COEX2
561.5V
COEX1
3
4
GND
WAKE#
1
2
3.3Vaux
Table 2-8. SerDes configuration
Configuration
Signal
Controls
Value
Description
none
SW: SW3[6]
REG: 0x0D
0
Lane A PCIE#1 (x1)
Lane B SGMII 1
Lane C PCIE#2 (x1)
Lane D SGMII 2
1
Lane A PCIE#1 (x1)
Lane B SATA x1
Lane C PCIE#2 (x1)
Lane D SGMII 2
0
Lane A PCIE#1 (x1)
Lane B SGMII 1
Lane C PCIE#2 (x1)
Lane D SGMII 2
1
Lane A PCIE#1 (x1)
Lane B SATA x1
Lane C PCIE#2 (x1)
Lane D SGMII 2
Table 2-7. Specific mini PCIe pinout
Signal
Pin
Pin
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com