Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 27 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 27 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 23Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 24Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 25Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 26Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 27Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 28Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 29Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 30Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 31Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Spurious response
2nd and 3rd harmonic
distortion (>100 MHz)
< -60 dBc (< -60 dBc, typical), with auto settings on and signals 10 dB below reference level
2nd and 3rd harmonic
distortion (9 kHz to 100 MHz )
< -57 dBc (< -65 dBc, typical), with auto settings on, signals 10 dB below reference level, and reference level ≤ -15 dBm
2nd order intermodulation
distortion (>200 MHz)
< -60 dBc (< -65 dBc, typical), with auto settings on and signals 10 dB below reference level
2nd order intermodulation
distortion (>100 MHz to
≤200 MHz)
<-57 dBc (<-60 DBc, typical), with auto settings on and signals 10 dB below reference level
2nd order intermodulation
distortion (10 MHz to 100 MHz)
< -60 dBc (< -65 dBc, typical), with auto settings on, signals 10 dB below reference level, and reference level ≤ -15 dBm
3rd order intermodulation
distortion (>10 MHz)
< -62 dBc (<-65 dBc, typical), with auto settings on and signals 10 dB below reference level, and reference levels < -15 dBm
3rd order intermodulation
distortion (9 kHz to 10 MHz)
< -62 dBc (<-65 dBc, typical), with auto settings on and signals 10 dB below reference level, and reference levels < -15 dBm
A/D spurs
< -60 dBc (< -65 dBc, typical), with auto settings on and signals 5 dB below reference level. Excludes A/D aliasing spurs
A/D aliasing spurs
At (5 GHz - Fin) and (8 GHz - Fin): <-55 dBc (<-60 dBc, typical), with auto settings on and signals 5 dB below reference level
Specifications that only apply
to models with option SA6
IF Rejection: (All Input Frequencies except: 1.00 GHz to 1.25 GHz and 2 GHz to 2.4 GHz): < -55 dBc, typical
IF spurs at (5 GHz - Fin ) for input frequencies from 1.00 GHz to 1.25 GHz: < -50 dBc, typical
IF spurs at (6.5 GHz -Fin ) for input frequencies from 2 GHz to 2.4 GHz: < -50 dBc, typical
Image Rejection: < -50 dBc (for input frequencies from 5.5 GHz to 9.5 GHz)
Residual response
< -85 dBm (< -78 dBm at 3.75 GHz, 4.0 GHz, 5.0 GHz, and typical 6.0 GHz; < -73 dBm at 2.5 GHz) with ≤ -25 dBm reference level
and input terminated with 50 Ω
Absolute amplitude accuracy
Accuracy of power level measurements at the center frequency. At frequencies away from center frequency, add Channel
Response to the Absolute Amplitude Accuracy. Applies to signal to noise ratios > 40 dB.
< ± 1.0 dB (< ±0.5 dB, typical), 18 °C - 28 °C temperature range, 50 kHz to 6 GHz frequency range, reference levels -25, -20, -15,
-10, -5, 0, 5, 10 dBm
< ± 1.0 dB, typical, 50 kHz to 6 GHz, all other reference levels, 18 °C - 28 °C temperature range
< ±1.5 dB, typical, 50 kHz to 6 GHz, all reference levels, 0
⁰C to 50 ⁰C temperature range
< ± 2.0 dB, typical, 9 kHz to 50 kHz, all reference levels, 18 °C to 28 °C temperature range
< ± 3.0 dB, typical, 9 kHz to 50 kHz, all reference levels, 0 °C to 50 °C temperature range
Channel response
Valid over 18 - 28 °C temperature range
Specification applies to signal-to-noise ratios > 40 dB
Measurement center
frequency range
Span
Amplitude flatness,
pk-pk
Amplitude flatness,
RMS
Phase linearity, RMS
15 MHz - 6 GHz
10 MHz
0.3 dB
0.15 dB
1.5 °
60 MHz - 6 GHz
≤ 100 MHz
0.75 dB
0.27 dB
1.5 °
170 MHz - 6 GHz
≤ 320 MHz
0.85 dB
0.27 dB
2.5 °
510 MHz - 6 GHz
≤ 1,000 MHz
1.0 dB
0.3 dB
3.0 °
Any, (for start frequency
> 10 MHz)
> 1,000 MHz
1.2 dB
N/A
N/A
MDO4000C Series Oscilloscope
2- Spectrum Analyzer (requires Option SA3 or SA6)
www.tek.com 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com