Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 34 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 34 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 30Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 31Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 32Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 33Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 34Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
6- Digital Voltmeter and Frequency Counter
Source
Channel 1, Channel 2, Channel 3, Channel 4
Measurement types
AC RMS, DC, AC+DC RMS (reads out in volts or amps); Frequency
Voltage accuracy
±(1.5% |reading - offset - position|) + (0.5% |(offset - position)|) + (0.1 * Volts/div))
Resolution
ACV, DCV: 4 digits
Frequency: 5 digits
Frequency accuracy
±(10 µHz/Hz + 1 count)
Measuring rate
100 times/second; measurements updated on the display 4 times/second
Vertical settings autorange
Automatic adjustment of vertical settings to maximize measurement dynamic range; available for any non-trigger source
Graphical measurement
Graphical indication of minimum, maximum, current value, and five second rolling range
General Product Specifications
Display system
Display type
10.4 in. (264 mm) liquid-crystal TFT color display
Display resolution
1,024 horizontal × 768 vertical pixels (XGA)
Interpolation
Sin(x)/x
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence
Graticules
Full, Grid, Solid, Cross Hair, Frame, IRE and mV
Format
YT, XY, and simultaneous XY/YT
Maximum waveform capture rate
>340,000 wfms/s in FastAcq acquisition mode on 1 GHz models
>270,000 wfms/s in FastAcq acquisition mode on 200 MHz - 500 MHz models
>50,000 wfms/s in DPO acquisition mode on all models.
Datasheet
34 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com