Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 16 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 16 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 12Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 13Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 14Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 15Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 16Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 17Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 18Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 19Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 20Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
The MDO4000C Series Platform
The MDO4000C Series is designed to make your work easier. The large, high-resolution
display shows intricate signal details. Dedicated front-panel controls simplify operation.
Two USB host ports on the front panel allow you to easily transfer screen shots,
instrument settings, and waveform data to a USB mass storage device.
Large, high-resolution display – The MDO4000C Series features a
10.4 in. (264 mm) bright, LED backlit XGA color display for seeing intricate
signal details.
Connectivity – The MDO4000C contains a number of ports which can be
used to connect the instrument to a network, directly to a PC, or other test
equipment.
Two USB 2.0 host ports on the front and two USB host ports on the
rear enable easy transfer of screen shots, instrument settings, and
waveform data to a USB mass storage device. A USB keyboard can
also be attached to a USB host port for data entry.
Rear USB 2.0 device port is useful for controlling the oscilloscope
remotely from a PC or for printing directly to a PictBridge ®-compatible
printer.
The standard 10/100/1000BASE-T Ethernet port on the rear of the
instrument enables easy connection to networks, provides network and
e-mail printing, and provides LXI Core 2011 compatibility. The
instrument can also mount network drives for easy storage of screen
images, setup files, or data files.
A video out port on the rear of the instrument allows the display to be
exported to an external monitor or projector.
Remote connectivity and instrument control – Exporting data and
measurements is as simple as connecting a USB cable from the
oscilloscope to your PC. Key software applications - OpenChoice ®
Desktop, and Microsoft Excel and Word toolbars - are included standard
with each oscilloscope to enable fast and easy direct communication with
your Windows PC.
The included OpenChoice Desktop enables fast and easy communication
between the oscilloscope and your PC through USB or LAN for transferring
settings, waveforms, and screen images.
The embedded e*Scope ® capability enables fast control of the
oscilloscope over a network connection through a standard web browser.
Simply enter the IP address or network name of the oscilloscope and a web
page will be served to the browser. Transfer and save settings, waveforms,
measurements, and screen images or make live control changes to settings
on the oscilloscope directly from the web browser.
Probing – The MDO4000C Series scope ships standard with passive
voltage probes and uses the TekVPI probe interface.
Standard passive voltage probes. The MDO4000C Series include
passive voltage probes with industry best capacitive loading of only 3.9 pF.
The included TPP probes minimize the impact on devices under test and
accurately deliver signals to the oscilloscope for acquisition and analysis.
The probe bandwidth matches or exceeds your oscilloscope bandwidth so
you can see the high-frequency components in your signal which is critical
for high-speed applications. The TPP Series passive voltage probes offer
all the benefits of general-purpose probes like high dynamic range, flexible
connection options, and robust mechanical design, while providing the
performance of active probes.
MDO4000C model
Included probe
MDO4024C, MDO4034C, MDO4054C
TPP0500B: 500 MHz, 10x passive
voltage probe. One per analog channel
MDO4104C
TPP1000: 1 GHz, 10x passive voltage
probe. One per analog channel
In addition, a low- attenuation, 2X version of the TPP probes is available for
measuring low voltages. Unlike other low-attenuation passive probes, the
TPP0502 has high bandwidth (500 MHz) as well as low capacitive loading
(12.7 pF).
Datasheet
16 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com