Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 40 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 40 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 43Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 44Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
Service options
Tektronix offers a range of warranty and service plans to extend the life of your product and protect you from unplanned costs. Whether you want to protect yourself from
accidental damage, or just save money on maintenance with a calibration plan, there is a service option available that meets your needs.
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R5
Repair Service 5 Years (including warranty)
Opt. T3
Three year total protection plan ensures that your equipment remains like-new regardless of what happens.
Opt. T5
Five year total protection plan ensures that your equipment remains like-new regardless of what happens.
Probes and accessories are not covered by the oscilloscope warranty and service offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Step 3 Select application modules and accessories
Application modules
Application modules are purchased as stand-alone products and can be purchased at the time of initial MDO4000C purchase or at
any future time. The optional application modules functionality is offered free for a 30-day trial period. This free trial period starts
automatically when the instrument is powered on for the first time.
Application modules have licenses which can be transferred between an application module and an oscilloscope. The license may
be contained in the module; allowing the module to be moved from one instrument to another. Or, the license can be contained in
the oscilloscope; allowing the module to be removed and stored for safekeeping. Transferring the license to an oscilloscope and
removing the module permits the use of more than 4 applications simultaneously.
DPO4BND
Application bundle module that enables all of the functionality of the DPO4AERO, DPO4AUDIO, DPO4AUTO, DPO4COMP,
DPO4EMBD, DPO4ENET, DPO4LMT, DPO4PWR, DPO4USB and DPO4VID application modules in a single module. Save
money when multiple serial bus debug and analysis application modules are required and easily move the entire set of
functionality from one instrument to another.
DPO4AERO
Aerospace Serial Triggering and Analysis Module. Enables triggering on packet-level information on MIL-STD-1553 and
ARINC-429 buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and
packet decode tables with time-stamp information.
Signal Inputs - Any Ch1 - Ch4, Math, Ref1 - Ref4
Recommended Probing - Differential or single ended (only one single-ended signal required)
DPO4AUDIO
Audio Serial Triggering and Analysis Module. Enables triggering on packet-level information on I2S, LJ, RJ, and TDM audio buses
as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables
with time-stamp information.
Signal Inputs - Any Ch1 - Ch4, any D0 - D15
Recommended Probing - Single ended
DPO4AUTO
Automotive Serial Triggering and Analysis Module. Enables triggering on packet-level information on CAN, CAN FD (ISO and non-
ISO), and LIN buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and
packet decode tables with time- stamp information.
Signal Inputs – LIN: Any Ch1 - Ch4, any D0 - D15; CAN, CAN FD: Any Ch1 - Ch4, any D0 - D15
Recommended Probing – LIN: Single ended; CAN, CAN FD: Single ended or differential
DPO4AUTOMAX
Includes DPO4AUTO functionality and adds FlexRay trigger, decode, search and decode tables support. Extended eye diagram
analysis is also supported with a PC-based software package.
Datasheet
40 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com