Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 41 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 41 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 43Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 44Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 45Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
DPO4COMP
Computer Serial Triggering and Analysis Module. Enables triggering on packet-level information on RS-232/422/485/UART buses
as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables
with time-stamp information.
Signal Inputs - Any Ch1 - Ch4, any D0 - D15
Recommended Probing - RS-232/UART: Single ended; RS-422/485: Differential
DPO4EMBD
Embedded Serial Triggering and Analysis Module. Enables triggering on packet-level information on I2C and SPI buses as well as
analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time-
stamp information.
Signal Inputs - I2C or SPI: Any Ch1 - Ch4, any D0 - D15
Recommended Probing - Single ended
DPO4ENET
Ethernet Serial Triggering and Analysis Module. Enables triggering on packet-level information on 10BASE-T and 100BASE-
TX 4 buses as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet
decode tables with time-stamp information.
Signal Inputs - Any Ch1 - Ch4, Math, Ref1 - Ref4
Recommended Probing - 10BASE-T: Single ended or differential; 100BASE-TX: Differential
DPO4USB
USB Serial Triggering and Analysis Module. Enables triggering on packet-level content for low-speed, and full-speed USB serial
buses. Also enables analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet
decode tables with time-stamp information for low-speed, full-speed, and high-speed USB serial buses. 5
Signal Inputs - Low-speed and Full-speed: Any Ch1 - Ch4, any D0 - D15; Low-speed, Full-speed, and High-speed: Any Ch1 - Ch4,
Math, Ref1 - Ref4
Recommended Probing - Low-speed and Full-speed: Single ended or differential; High-speed: Differential
DPO4PWR
Power Analysis Application Module. Enables quick and accurate analysis of power quality, switching loss, harmonics, safe
operating area (SOA), modulation, ripple, and slew rate (dI/dt, dV/dt).
DPO4LMT
Limit and Mask Testing Application Module. Enables testing against limit templates generated from "golden" waveforms and mask
testing using custom masks. 6
DPO4VID
HDTV and Custom (nonstandard) Video Triggering and Video Picture Module.
MDO4TRIG
Advanced RF Power Level Triggering Module. Enables the power level on the spectrum analyzer input to be used as a source in
the following trigger types: Pulse Width, Runt, Timeout, Logic, and Sequence.
Recommended accessories
Probes
Tektronix offers over 100 different probes to meet your application needs. For a comprehensive listing of available probes, please visit www.tek.com/probes.
TPP0500B
500 MHz, 10X TekVPI® passive voltage probe with 3.9 pF input capacitance
TPP0502
500 MHz, 2X TekVPI® passive voltage probe with 12.7 pF input capacitance
TPP0850
2.5 kV, 800 MHz, 50X TekVPI® passive high-voltage probe
TPP1000
1 GHz, 10X TekVPI® passive voltage probe with 3.9 pF input capacitance
TAP1500
1.5 GHz TekVPI® active single-ended voltage probe
TAP2500
2.5 GHz TekVPI® active single-ended voltage probe
TAP3500
3.5 GHz TekVPI® active single-ended voltage probe
TCP0030
120 MHz TekVPI® 30 Ampere AC/DC current probe
4
≥350 MHz bandwidth models are recommended for 100BASE-TX.
5
USB high-speed supported only on models with 1 GHz analog channel bandwidth.
6
≥350 MHz bandwidth models are recommended for mask testing on telecomm standards >55 Mb/s. 1 GHz bandwidth models are recommended for mask testing on high-speed (HS) USB.
MDO4000C Series Oscilloscope
www.tek.com 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com