Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 36 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 36 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 32Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 33Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 34Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Software
OpenChoice® Desktop
Enables fast and easy communication between a Windows PC and your oscilloscope using USB or LAN. Transfer and save
settings, waveforms, measurements, and screen images. Included Word and Excel toolbars automate the transfer of acquisition
data and screen images from the oscilloscope into Word and Excel for quick reporting or further analysis. Download from
www.tek.com/software/downloads.
IVI driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
MicrosoftNET, and MATLAB.
e*Scope® Web-based interface
Enables control of the oscilloscope over a network connection through a standard web browser. Simply enter the IP address or
network name of the oscilloscope and a web page will be served to the browser. Transfer and save settings, waveforms,
measurements, and screen images or make live control changes to settings on the oscilloscope directly from the web browser.
LXI Web interface
Connect to the oscilloscope through a standard Web browser by simply entering the oscilloscope's IP address or network name in
the address bar of the browser. The Web interface enables viewing of instrument status and configuration, status and modification
of network settings, and instrument control through the e*Scope Web-based remote control. All Web interaction conforms to LXI
Core specification, version 1.4.
Power source
Power source voltage
100 to 240 V ±10%
Power source frequency
50 to 60 Hz ±10% at 100 to 240 V ±10%
400 Hz ±10% at 115 V ±13%
Power consumption
250 W maximum
Physical characteristics
Dimensions
mm
in
Height
229
9
Width
439
17.3
Depth
147
5.8
Weight
Instruments without option
SA3 or SA6
kg
lb
Net
5.1
11.2
Shipping
10.8
23.8
Instruments with option SA3
or SA6
kg
lb
Net
5.5
12.2
Shipping
11.2
24.8
Rackmount configuration
5U
Cooling clearance
2 in. (51 mm) required on left side and rear of instrument
Datasheet
36 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com