Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 44 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 44 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 43Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 44Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 45Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 46Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Bandwidth upgrade options
Instrument bandwidth can be upgraded on any MDO4000C Series product after initial purchase. Each upgrade product increases
the analog bandwidth of the oscilloscope. Bandwidth upgrades are purchased based on the combination of the current bandwidth
and the desired bandwidth and whether the current instrument contains an integrated spectrum analyzer. Bandwidth upgrade
products include new analog probes if applicable. All analog bandwidth upgrades require installation at a Tektronix service center
and an instrument calibration. (Bandwidth upgrades and instrument calibrations will appear as separate order line items. An
optional incoming calibration is available upon request.)
Model to be upgraded Instrument has option
SA3 or SA6 (spectrum
analyzer)
Bandwidth before
upgrade
Bandwidth after
upgrade
Order product
MDO4024C
No
200 MHz
350 MHz
MDO4BW2T34
200 MHz
500 MHz
MDO4BW2T54
200 MHz
1 GHz
MDO4BW2T104
350 MHz
500 MHz
MDO4BW3T54
350 MHz
1 GHz
MDO4BW3T104
500 MHz
1 GHz
MDO4BW5T104
MDO4034C
No
350 MHz
500 MHz
MDO4BW3T54
350 MHz
1 GHz
MDO4BW3T104
500 MHz
1 GHz
MDO4BW5T104
MDO4054C
No
500 MHz
1 GHz
MDO4BW5T104
MDO4024C
Yes
200 MHz
350 MHz
MDO4BW2T34-SA
200 MHz
500 MHz
MDO4BW2T54-SA
200 MHz
1 GHz
MDO4BW2T104-SA
350 MHz
500 MHz
MDO4BW3T54-SA
350 MHz
1 GHz
MDO4BW3T104-SA
500 MHz
1 GHz
MDO4BW5T104-SA
MDO4034C
Yes
350 MHz
500 MHz
MDO4BW3T54-SA
350 MHz
1 GHz
MDO4BW3T104-SA
500 MHz
1 GHz
MDO4BW5T104-SA
MDO4054C
Yes
500 MHz
1 GHz
MDO4BW5T104-SA
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix
Standard Codes and Formats.
Datasheet
44 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com