Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 7 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 7 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 3Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 4Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 5Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 6Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 7Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 8Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 9Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 10Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 11Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Power quality measurement. Automated power measurements enable quick and
accurate analysis of common power parameters.
Limit-mask testing (Optional) – A common task during the development
process is characterizing the behavior of certain signals in a system. One
method, called limit testing, is to compare a tested signal to a known good
or "golden" version of the same signal with user-defined vertical and
horizontal tolerances. Another common method, called mask testing, is to
compare a tested signal to a mask, looking for where a signal under test
violates the mask. The MDO4000C Series offers both limit and mask
testing capability useful for long-term signal monitoring, characterizing
signals during design, or testing on a production line. A robust set of
telecommunications and computer standards are provided to test for
compliance to a standard. Additionally, custom masks can be created and
used for characterizing signals. Tailor a test to your specific requirements
by defining test duration in number of waveforms or time, a violation
threshold that must be met before considering a test a failure, counting hits
along with statistical information, and actions upon violations, test failure,
and test complete. Whether specifying a mask from a known good signal or
from a custom or standard mask, conducting pass/fail tests in search of
waveform anomalies such as glitches has never been easier. The optional
limit/mask test functionality is offered free for a 30-day trial period. This free
trial period starts automatically when the instrument is powered on for the
first time.
Limit Test showing a mask created from a golden waveform and compared against a live
signal. Results showing statistical information about the test are displayed.
2- Spectrum Analyzer (Optional)
Fast and accurate spectral analysis – When using the optional spectrum
analyzer input by itself, the MDO4000C Series display becomes a full-
screen Frequency Domain view.
Key spectral parameters such as Center Frequency, Span, Reference
Level, and Resolution Bandwidth are all adjusted quickly and easily using
the dedicated front-panel menus and keypad.
MDO4000C frequency domain display.
Intelligent efficient markers – In a traditional spectrum analyzer, it can be
a very tedious task to turn on and place enough markers to identify all your
peaks of interest. The MDO4000C Series makes this process far more
efficient by automatically placing markers on peaks that indicate both the
frequency and the amplitude of each peak. You can adjust the criteria that
the oscilloscope uses to automatically find the peaks.
MDO4000C Series Oscilloscope
www.tek.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com