Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 39 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 39 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 43Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Step 2 Configure your MDO4000C by adding instrument options
Instrument options
All MDO4000C Series instruments can be preconfigured from the factory with the following options:
MDO4AFG
Arbitrary function generator with 13 predefined waveforms and arbitrary waveform generation
MDO4MSO
16 digital channels; includes P6616 digital probe and accessories
SA3
Integrated spectrum analyzer with frequency range of 9 kHz to 3 GHz
SA6
Integrated spectrum analyzer with frequency range of 9 kHz to 6 GHz
MDO4SEC
Enhanced instrument security to enable password protected control of turning on/off all instrument ports and instrument firmware
update functionality
Power cord and plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 50/60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Language options
All products are shipped with an Installation and Safety manual that is in English, Japanese, Simplified Chinese, and French. Full user manuals translated in each language
listed below are available in PDF format from www.tek.com/manual/downloads. Selecting a language option below other than L0 will include a front panel overlay in the
language selected.
Opt. L0
English front panel label
Opt. L1
French front panel overlay
Opt. L2
Italian front panel overlay
Opt. L3
German front panel overlay
Opt. L4
Spanish front panel overlay
Opt. L5
Japanese front panel overlay
Opt. L6
Portuguese front panel overlay
Opt. L7
Simplified Chinese front panel overlay
Opt. L8
Traditional Chinese front panel overlay
Opt. L9
Korean front panel overlay
Opt. L10
Russian front panel overlay
MDO4000C Series Oscilloscope
www.tek.com 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com