Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPO4USB Datasheet(PDF) 33 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 33 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 29Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 30Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 31Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 32Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 33Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 34Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 35Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 36Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 37Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
USB: High speed 2
Trigger on Sync, Reset, Suspend, Resume, End of Packet, Token (Address) Packet, Data Packet, Handshake Packet, Special
Packet, Error.
Token packet trigger - Any token type, SOF, OUT, IN, SETUP; Address can be specified for Any Token, OUT, IN, and SETUP
token types. Address can be further specified to trigger on ≤, <, =, >, ≥, ≠ a particular value, or inside or outside of a range. Frame
number can be specified for SOF token using binary, hex, unsigned decimal and don't care digits.
Data packet trigger - Any data type, DATA0, DATA1, DATA2, MDATA; Data can be further specified to trigger on ≤, <, =, >, ≥, ≠ a
particular data value, or inside or outside of a range.
Handshake packet trigger - Any handshake type, ACK, NAK, STALL, NYET.
Special packet trigger - Any special type, ERR, SPLIT, PING, Reserved. SPLIT packet components that can be specified include:
Hub Address
Start/Complete - Don't Care, Start (SSPLIT), Complete (CSPLIT)
Port Address
Start and End bits - Don't Care, Control/Bulk/Interrupt (Full-speed Device, Low-speed Device), Isochronous (Data is Middle, Data
is End, Data is Start, Data is All)
Endpoint Type - Don't Care, Control, Isochronous, Bulk, Interrupt
Error trigger - PID Check, CRC5 or CRC16
Ethernet 3
10BASE-T and 100BASE-TX: Trigger on Start Frame Delimiter, MAC Addresses, MAC Q-Tag Control Information, MAC Length/
Type, IP Header, TCP Header, TCP/IPv4/MAC Client Data, End of Packet, and FCS (CRC) Error.
100BASE-TX: Idle.
MAC Addresses - Trigger on Source and Destination 48-bit address values.
MAC Q-Tag Control Information - Trigger on Q-Tag 32-bit value.
MAC Length/Type - Trigger on ≤, <, =, >, ≥, ≠ a particular 16-bit value, or inside or outside of a range.
IP Header - Trigger on IP Protocol 8-bit value, Source Address, Destination Address.
TCP Header - Trigger on Source Port, Destination Port, Sequence Number, and Ack Number.
TCP/IPv4/MAC Client Data - Trigger on ≤, <, =, >, ≥, ≠ a particular data value, or inside or outside of a range. Selectable number
of bytes to trigger on from 1-16. Byte offset options of Don't Care, 0-1499.
CAN, CAN FD (ISO and non-
ISO)
Trigger on Start of Frame, Frame Type (data, remote, error, overload), Identifier (standard or extended), Data, Identifier and Data,
End of Frame, Missing ACK, or Bit Stuffing Error on CAN signals up to 1 Mb/s and on CAN FD signals up to 10 Mb/s. Data can be
further specified to trigger on ≤, <, =, >, ≥, or ≠ a specific data value. User-adjustable sample point is set to 50% by default.
LIN
Trigger on Sync, Identifier, Data, Identifier and Data, Wakeup Frame, Sleep Frame, Errors such as Sync, Parity, or Checksum
Errors up to 100 kb/s (by LIN definition, 20 kb/s).
FlexRay
Trigger on Start of Frame, Type of Frame (Normal, Payload, Null, Sync, Startup), Identifier, Cycle Count, Complete Header Field,
Data, Identifier and Data, End of Frame or Errors such as Header CRC, Trailer CRC, Null Frame, Sync Frame, or Startup Frame
Errors up to 100 Mb/s.
MIL-STD-1553
Trigger on Sync, Word Type 3 (Command, Status, Data), Command Word (set RT Address, T/R, Sub-address/Mode, Data Word
Count/Mode Code, and Parity individually), Status Word (set RT Address, Message Error, Instrumentation, Service Request Bit,
Broadcast Command Received, Busy, Subsystem Flag, Dynamic Bus Control Acceptance (DBCA), Terminal Flag, and Parity
individually), Data Word (user-specified 16-bit data value), Error (Sync, Parity, Manchester, Non-contiguous data), Idle Time
(minimum time selectable from 2 µs to 100 µs; maximum time selectable from 2 µs to 100 µs; trigger on < minimum, > maximum,
inside range, outside range). RT Address can be further specified to trigger on =, ≠, <, >, ≤, ≥ a particular value, or inside or
outside of a range.
ARINC-429
Trigger on Word Start/End, Label, SDI, Data, Label and Data, Error conditions (any, parity, word, gap)
I2S/LJ/RJ/TDM
Trigger on Word Select, Frame Sync, or Data. Data can be further specified to trigger on ≤, <, =, >, ≥, ≠ a specific data value, or
inside or outside of a range. Maximum data rate for I2S/LJ/RJ is 12.5 Mb/s. Maximum data rate for TDM is 25 Mb/s.
2
High-speed support only available on models with 1 GHz analog channel bandwidth.
3
≥350 MHz bandwidth models are recommended for 100BASE-TX
MDO4000C Series Oscilloscope
5- Serial Protocol Analyzer (optional)
www.tek.com 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com