Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 19 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 19 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 15Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 16Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 17Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 18Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 20Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 21Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 22Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 23Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TEK.COM 19
DMM 7510 7½-Digit Graphical Sampling Multimeter
Additional AC Voltage Crest Factor Uncertainties 86
Additional Uncertainty
±(% of reading)
Input Signal Frequency
Detector Bandwidth
Maximum Crest Factor:
5 at Range Full Scale
1 to 2
2 to 3
3 to 4
4 to 5
3 Hz to 5 Hz
3 Hz
1.00
4.00
4.80
5.00
5 Hz to 10 Hz
3 Hz
0.50
1.20
1.30
1.40
10 Hz to 30 Hz
3 Hz
0.20
0.30
0.60
0.90
5 Hz to 100 Hz
30 Hz
0.20
0.30
0.60
0.90
100 Hz to 300 Hz
30 Hz
0.05
0.15
0.30
0.40
100 Hz to 300 Hz
300 Hz
0.50
1.20
1.30
1.50
500 Hz to 10 kHz
300 Hz
0.05
0.15
0.30
1.20
AC Voltage Characteristics
Measurement Method
AC-coupled, true RMS.
Input Impedance
1 M
Ω ± 2% || <150 pF.
Volt*Hertz Product
<2.1 × 107 V*Hz verified; input frequency verified for <300 kHz.
AC Current Characteristics
Measurement Method
AC-coupled, true RMS.
Range
1 mA
10 mA
100 mA
1 A
3 A
10 A 87
Burden Voltage (RMS)
<16 mV <20 mV
<0.2 V
<0.4 V
<1.3 V
<0.65 V
Overload Recovery: For each additional
sustained ampere beyond ±1.5 A, add
the following initial % of range error until
thermally settled after overload recovery
0.006
0.006
0.12
0.05
Frequency and Period
Measurement Accuracy 88
Aperture
Measurement
Resolution
Accuracy, ±(ppm of reading + ppm of aperture time)
Frequency: 3 Hz to 500 kHz
Period: 333 ms to 2 µs
1 Year, T
CAL ±5°C
2 Year, T
CAL ±5°C
250 ms
0.1 ppm
80 + 0.333
160 + 0.333
100 ms
0.1 ppm
80 + 3.33
160 + 3.33
10 ms
0.1 ppm
80 + 33.3
160 + 33.3
NOTES
86. Applies for non-sine wave inputs, DC content
≤3% of range, maximum crest factor ≤5.0. For bandwidth 30Hz, autozero off, 6½ digits at 1 PLC, 3½ digits at 0.0005 PLC.
87. Rear input terminals only.
88. Specified for square wave inputs. Input signal must be >10% of ACV range. If input is <20 mV on the 100 mV range, then the frequency must be >10 Hz. For sine wave inputs, frequency
must be >100 Hz. For frequencies
≤100 Hz, threshold level ≤50% of input signal and ≤7 Hz, threshold level ≤3% of range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com