Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 6Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 7Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 13Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Datasheet
TEK.COM
10
Examples:
10
Ω at 0.2 PLC: 80 (from Accuracy table) + 230 (additional peak noise uncertainty) = 310 ppm of range.
10
Ω at 1 PLC: 80 + 0 = 80 ppm of range.
NPLC
Digits
1
Ω
10
Ω
100
Ω
1 k
Ω
10 k
Ω
5
7½
10
11
6
5
0.9
1
7½
9
9
7
7
0.8
0.2 37
6½
30 (130)
30 (120)
30 (120)
30 (120)
3 (16)
0.2
6½
60 (220)
60 (230)
50 (190)
50 (190)
9 (35)
0.06
5½
70 (350)
70 (350)
50 (290)
50 (280)
20 (90)
0.006
4½
130 (750)
120 (830)
110 (700)
100 (690)
20 (110)
0.0005
3½
520 (3550)
530 (3520)
530 (3380)
500 (3370)
100 (670)
Dry Circuit Resistance Characteristics
Maximum 4-Wire Ohms Lead Resistance
0.5
Ω per lead for 1 Ω range.
10% of range per lead for 10
Ω to 100 Ω ranges.
50
Ω per lead for 1 kΩ to 10 kΩ ranges.
Input Current Limit
For signals greater than ±20 mV, current limited, ±13 mA typical.
Offset Compensation
Selectable on 1
Ω to 10 kΩ ranges.
Autozero Off Error
For ±1°C and
≤10 minutes, add ±8 ppm of reading.
DC Current
Enhanced Accuracy (within 30 days of autocalibration, T
OPER ±5°C from TACAL)
Range 38
Resolution
Maximum
Burden Voltage
Accuracy ±(ppm of reading + ppm of range)
24 Hour
T
CAL ±1°C
39
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 40
10.000000 µA
1 pA
15 mV
30 + 30
75 + 30
75 + 30
75 + 30
0.15 + 0.1
100.00000 µA
10 pA
15 mV
20 + 5
60 + 9
60 + 9
60 + 9
0.15 + 0.1
1.0000000 mA
100 pA
15 mV
30 + 5
60 + 9
60 + 9
60 + 9
0.15 + 0.1
10.000000 mA
1 nA
20 mV
40 + 5
60 + 9
60 + 9
60 + 9
0.15 + 0.1
100.00000 mA
10 nA
200 mV
50 + 18
150 + 30
150 + 30
150 + 30
0.15 + 0.1
1.0000000 A
100 nA
400 mV
150 + 50
400 + 50
400 + 50
400 + 50
0.15 + 0.1
3.000000 A
1 µA
1300 mV
200 + 40
400 + 40
400 + 40
400 + 40
0.15 + 0.1
10.000000A 41
1 µA
650 mV
700 + 275
800 + 275
1500 + 275
2000 + 275
50 + 10
NOTES
37. With line sync on.
38. 20% overrange supported for all ranges except for 3 A and 10 A, which are 1% supported.
39. Relative to calibration accuracy.
40. Add per degree from T
CAL ±5°C.
41. Rear input terminals only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com