Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 12 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 12 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 13Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 14Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 15Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 16Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Datasheet
TEK.COM
12
Temperature
4-Wire RTD or 3-Wire RTD
Types: 100
Ω platinum PT100, D100, F100, PT385, PT3916; or user-configurable 0 Ω to 10 kΩ.
Type
Range
Resolution
Accuracy ±°C
2 Year, T
CAL ±5°C
Temperature Coefficient 46
4-Wire RTD
–200 to 850 °C
0.01 °C
0.06 °C
0.003 °C/°C
3-Wire RTD 47
–200 to 850 °C
0.01 °C
0.75 °C
0.003 °C/°C
Thermistor
Types: 2.252 k
Ω, 5 kΩ, and 10 kΩ.
Type
Range
Resolution
Accuracy ±°C
2 Year, T
CAL ±5°C
Temperature Coefficient 46
Thermistor
–80 to +150 °C
0.01 °C
0.08 °C
0.002 °C/°C
Thermocouple
Types: B, E, J, K, N, R, S, T
Accuracy ±°C
Type
Range
Resolution
2 Year, T
CAL ±5°C
48
Simulated
Reference Junction
Temperature
Coefficient 46
B
350 to +1820 °C
0.1 °C
0.6 °C
0.03 °C/°C
E
−200 to +1000 °C
0.001 °C
0.2 °C
0.03 °C/°C
J
−200 to +760 °C
0.001 °C
0.2 °C
0.03 °C/°C
K
−200 to +1372 °C
0.001 °C
0.2 °C
0.03 °C/°C
N
−200 to +1300 °C
0.001 °C
0.2 °C
0.03 °C/°C
R
0 to +1768 °C
0.1 °C
0.6 °C
0.03 °C/°C
S
0 to +1768 °C
0.1 °C
0.6 °C
0.03 °C/°C
T
−100 to +400 °C
0.001 °C
0.2 °C
0.03 °C/°C
Continuity
Range 49
Resolution
Test Current
Open Circuit Voltage
Accuracy ±(ppm of reading + ppm of range)
2 Year, T
CAL ±5°C
Temperature Coefficient 50
1.0000 k
Ω
100 m
Ω
1 mA
14.0 V
100 + 100
2.5 + 1
Continuity Characteristics
Continuity High Limit
User-selectable; default 10
Ω.
NOTES
46. Add per degree from T
CAL ±5°C; specifications without autocalibration.
47. For 3-wire RTD, accuracy is for <0.1
Ω lead resistance mismatch for input HI and LO. Add 0.25°C/0.1 Ω of HI-LO lead resistance mismatch.
48. Exclusive of cold-junction errors.
49. Specifications exclude lead resistance.
50. Add per degree from T
CAL ±5°C; specifications without autocalibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com