Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 13 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 13 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 13Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 14Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 15Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 16Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 17Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TEK.COM 13
DMM 7510 7½-Digit Graphical Sampling Multimeter
Capacitance
Accuracies specified for additional cable and stray capacitance properly zeroed with the Rel function.
Accuracy
Range 51
Resolution
Charge
Current 52, 53
Maximum
Circuit Voltage
Accuracy
±(% of reading + % of range)
2 years
T
CAL ±5°C
Temperature
Coefficient 50
1.0000 nF
0.1 pF
1.1 µA
2.8 V
1 + 0.2
0.15 + 0.05
10.000 nF
1 pF
1.1 µA
2.8 V
1 + 0.1
0.15 + 0.01
100.00 nF
10 pF
10 µA
3 V
0.4 + 0.1
0.01 + 0.01
1.0000 µF
0.1 nF
100 µA
3 V
0.4 + 0.1
0.01 + 0.01
10.000 µF
1 nF
100 µA
3 V
0.4 + 0.1
0.01 + 0.01
100.00 µF
10 nF
1 mA
3 V
0.4 + 0.1
0.01 + 0.01
1000.0 µF
0.1 µF
10 mA
3 V
0.5 + 0.1
0.01 + 0.01
Diode
Voltage
Measure Range 51
Resolution
Bias Level (Selectable)
Accuracy ±(ppm of reading + ppm of range)
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 50
10.000000 V
1 µV
10 µA / 100 µA / 1 mA
20 + 5
30 + 5
45 + 5
2.5 + 1
Digitize Voltage
Accuracy (Input Impedance AUTO)
Range 54, 55
Resolution 56
Input Impedance 57
Accuracy ±(ppm of reading + ppm of range)
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 58
100.000 mV
1 µV
>10 G
Ω or 10 MΩ ±1%
210 + 100
220 + 100
230 + 100
15 + 20
1.00000 V
10 µV
>10 G
Ω or 10 MΩ ±1%
110 + 75
120 + 75
130 + 75
15 + 20
10.0000 V
0.1 mV
>10 G
Ω or 10 MΩ ±1%
110 + 75
120 + 75
130 + 75
10 + 20
100.000 V 59
1 mV
10 M
Ω ±1%
110 + 75
120 + 75
130 + 75
15 + 20
1000.00 V 60
10 mV
10 M
Ω ±1%
110 + 75
120 + 75
130 + 75
10 + 20
NOTES
51. 20% overrange on all ranges.
52. Charging current values are typical, guaranteed by design.
53. Discharge current limited to <13 mA.
54. For DC coupling, 20% overrange for 100 mV to 100 V. For AC coupling, 500% overrange 100 mV to 100 V. 1% for 1000 V range DC and AC coupling.
55. Accuracy with sample rate 1k per second, aperture auto, and 100 reading buffer average.
56. Power up default is 4½ digits.
57. User-selectable.
58. Add per degree from T
CAL ±5%.
59. For 100 V range, input impedance auto and without ACAL, add 100ppm of range additional uncertainty and 15 ppm/°C additional uncertainty for “of range” temperature coefficient for
operation outside of T
CAL ±5°C.
60. For signal levels greater than 500 V, add 0.02 ppm/V to the ppm of the readings specification for measurements exceeding 500 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com