Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 17Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 18Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 20Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 21Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 22Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 23Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 24Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TEK.COM 21
DMM 7510 7½-Digit Graphical Sampling Multimeter
System Performance, Typical
Mode
3½-digit, autozero off, 0.0005 PLC, excludes measurement time.
Time includes function change from DC voltage or 2-wire ohms to listed function.
Function
Function Change (ms)
Range Change (ms)
DC Voltage or 2-wire ohms (<10 k
Ω)
6
1.3
4-wire ohms (<10 k
Ω)
7
1.3
DC Current
7
1.3
Frequency or Period 95
7
1.3
AC Voltage or AC Current
7
1.3
Digitize Voltage or Current
7
1.3
Ranges for Function Change Times
Function change times apply to the ranges listed in the table below.
Function
Range
DC Voltage
10 V
2-wire or 4-wire Ohms
1 k
DC Current
1 mA
Dry-circuit Ohms
10
Thermocouple
Use DC Voltage rates
Thermistor
Use 2-wire Ohms rates
AC Current
1 mA
AC Voltage
1 V
Buffer Transfer Speed (Binary)
Measurements into Computer (per second)
USB
LAN
GPIB
Average for 1000 readings
280000
270000
190000
Average for 1000 readings with timestamp
170000
140000
100000
Triggering
Time Base Accuracy
25ppm.
Trigger Source
Analog DCV, DCI, or any system trigger.
Trigger Coupling
DC or AC (DCV function only).
Input Trigger Latency 96, 97, 98
<225 ns.
Input Trigger Jitter 96, 97
<50 ns.
Sample period Jitter 96, 97
<1 ns.
DMM Rear-Panel Triggers
EXT TRIG IN and OUT
0 V to 5 V logic signal input and output, TTL compatible.
EXT trigger latency (IN and OUT)
<400 ns.
EXT trigger latency (IN or OUT)
<200 ns (guaranteed by design).
NOTES
95. For DC voltage or 2-wire ohms to frequency or period, 10ms aperture. For AC current or AC voltage, detector bandwidth is 300 Hz.
96. Guaranteed by design; for digital I/O only.
97. Stimulus command required to meet specifications.
98. If using trigger model, add 200 ns uncertainty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com