Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 7Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 13Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 14Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 15Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TEK.COM 11
DMM 7510 7½-Digit Graphical Sampling Multimeter
Accuracy
Range 38
Resolution
Maximum
Burden Voltage
Accuracy ±(ppm of reading + ppm of range)
24 Hour
T
CAL ±1°C
39
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 40
10.000000 µA
1 pA
15 mV
30 + 30
100 + 30
125 + 40
175 + 50
10 + 8
100.00000 µA
10 pA
15 mV
20 + 5
75 + 12
100 + 15
150 + 20
10 + 3
1.0000000 mA
100 pA
15 mV
30 + 5
75 + 12
100 + 15
150 + 20
10 + 3
10.000000 mA
1 nA
20 mV
40 + 5
75 + 12
100 + 15
150 + 20
10 + 3
100.00000 mA
10 nA
200 mV
50 + 18
300 + 30
400 + 30
500 + 30
50 + 5
1.0000000 A
100 nA
400 mV
150 + 50
400 + 50
450 + 50
500 + 50
10 + 10
3.000000 A
1 µA
1300 mV
200 + 40
400 + 40
450 + 40
500 + 40
10 + 10
10.000000 A 41
1 µA
650 mV
700 + 275
800 + 275
1500 + 275
2000 + 275
50 + 10
RMS Noise (additional peak noise uncertainty) 42
Applies to ± ppm of range.
Peak noise uncertainty is included in DC specifications for
≥1 PLC.
Add peak noise uncertainty to measurements when <1 PLC.
Examples
1 mA at 0.006 PLC: 9 (from Accuracy table) + 20 (additional peak noise uncertainty) = 29 ppm of range.
1 mA at 1 PLC: 9 +0 = 9 ppm of range.
NPLC
Digits
10 µA
100 µA
1 mA
10 mA
100 mA
1A
3A
10A 43
5
7½
0.15
0.14
0.09
0.1
0.3
0.3
0.2
0.8
1
7½
0.4
0.13
0.1
0.1
0.5
0.5
0.3
1.2
0.2
6½
0 (220)
0 (23)
0.2 (3.4)
0.2 (1.6)
2 (10)
2 (11)
0.7 (4.6)
4 (32)
0.2 44
6½
120 (260)
12 (26)
1.2 (3.8)
0.3 (1.8)
1.9 (9.8)
2 (10)
0.8 (5)
8 (37)
0.06
5½
130 (280)
12 (29)
1.3 (5.6)
0.4 (3.9)
2 (14)
2 (14)
1.2 (7.7)
10 (59)
0.006
4½
130 (350)
14 (42)
3 (20)
2 (20)
4 (30)
4 (31)
7 (51)
20 (110)
0.0005
3½
260 (2110)
30 (300)
20 (150)
20 (160)
30 (190)
30 (190)
70 (510)
60 (420)
DC Current Characteristics
Range
10 µA
100 µA
1 mA
10 mA
100 mA
1 A
3 A
10 A 43
Effective Internal Shunt Value 45
1 k
Ω
100
Ω
10
Ω
1
Ω
0.1
Ω
0.1
Ω
0.1
Ω
0.005
Ω
Autozero Off Error: For ±1°C and
≤10 minutes add
±(8 ppm of reading + range error)
150 pA
1.5 nA
15 nA
150 nA
15 µA
150 µA
150 µA
3 mA
Overload Recovery: For each additional sustained amp
beyond ±1.5 A, add the following initial ppm of range
error until thermally settled after overload recovery
15500
1800
150
150
6500
200
—
—
NOTES
42. Noise values are based on 1000 readings with autozero on and AMPS terminal open. RMS noise is typical. Additional peak noise is guaranteed.
43. Rear input terminals only.
44. With line sync on.
45. Values are typical and guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com