Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 23 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 23 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 20Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 21Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 22Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 23Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 24Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 25Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 26Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 27Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
TEK.COM 23
DMM 7510 7½-Digit Graphical Sampling Multimeter
Vibration
MIL-PRF-28800F Class 3, Random.
Warm-up
90 minutes to rated accuracy.
Input Signal Connections
Front and rear safety banana jacks.
Cooling
Forced air, fixed speed.
Dimensions
Without handle and bumpers: 88 mm high × 213 mm wide × 410 mm deep (3.46 in. × 8.39 in. ×
16.13 in.).
With handle and bumpers (bench configuration): 106 mm high × 255 mm wide × 425 mm deep (4.18 in.
× 10.05 in. × 16.75 in.).
Shipping weight (with bumpers and handle)
4.08 kg (9.0 lb.).
Shipping weight (without bumpers and handle)
3.63 kg (8.0 lb.).
Digital I/O:
Connector
9-pin female D.
5V Power Supply Pin
Limited to 500 mA at > 4 V (solidstate fuse protected).
Lines
Six input/output, user-defined, for digital I/O or triggering.
Input Signal Levels:
0.7 V (maximum logic low)
3.7 V (minimum logic high).
Input Voltage Limits:
–0.25 V (absolute minimum)
+5.25 V (absolute maximum).
Maximum Source Current
+2.0 mA at >2.7 V (per pin).
Maximum Sink Current
–50 mA at 0.7 V (per pin, solid-state fuse protected).
Handler
User-defined start of test, end of test, four category bits
Math Functions
Rel, dB, Limit Test, Percentage, 1/x, and mX + b.
Remote Interface:
LAN
RJ-45 connector, 10/100BT; Virtual Front Panel.
IP Configuration
Static or DHCP.
GPIB
IEEE-488.1 compliant. Supports IEEE-488.2 common commands and status model topology.
USB Device (rear panel, type B)
2.0 full speed, USBTMC compliant.
USB Host (front panel, type A)
USB 2.0, support for flash drives, FAT 32.
LXI Compliance
LXI version 1.4 Core 2011.
Language
Embedded Test Script Processor (TSP) accessible from any host interface; responds to high-speed
test scripts comprised of remote commands and statements (for example, branching, looping, math);
able to execute high-speed test scripts stored in memory without host intervention; also SCPI (default
command set).
Accessories Supplied
Product Information CD-ROM, DMM7510 Quick Start Guide, Kickstart Software Quick Start Guide, power
cord, 1 m USB cable (type A to type B), 3 m LAN cable, and 1756 Standard Test Lead Kit.
Accessories Available
(Calibration / Data / ISO 17025), software IVI/VISA drivers for Microsoft® Visual Basic®, Visual C/
C++®, National Instruments (NI™) LabVIEW™, Keithley Test Script Builder, Keithley KickStart, and NI
LabWindows™/CVI.
Display
Five-inch capacitive touch, color thin-film-transistor (TFT) WVGA (800×480) with LED backlight.
Password Protection
30 characters.
Expansion Interface
The TSP-Link® expansion interface allows TSP-enabled instruments to trigger and communicate with
each other.
IP configuration
Static or DHCP (manual or automatic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com