Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 9 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 9 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 5Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 6Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 7Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 10Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 11Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 12Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 13Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TEK.COM
9
DMM 7510 7½-Digit Graphical Sampling Multimeter
Resistance Characteristics
Maximum 4-Wire Ohms Lead Resistance
5
Ω per lead for 1Ω range, 10% of range per lead for 10 Ω to 1 kΩ ranges; 1 kΩ per lead for all other
ranges.
Offset Compensation
Selectable on 4-wire, 1
Ω to 100 kΩ ranges.
Open Lead Detector
Default is off.
Autozero Off Error
For 2-wire ohms, ±1°C and
≤10 minutes, add ±(8ppm of reading) + 1.5 mΩ for 10 Ω, 15 mΩ for 100 Ω and
1 k
Ω ranges, 150 mΩ for 10 kΩ range, 1.5 Ω for 100 kΩ range, and 15 Ω for all other ranges.
For 4-wire ohms, ±1°C and
≤10 minutes, add ±(8 ppm of reading).
Input Current Limit
For signals with a magnitude of +12 V to +40 V or –12 V to –40 V: ±13 mA source or sink, typical.
For signals with a magnitude of greater than +40 V or –40 V: ±130 µA source or sink, typical.
Dry Circuit Resistance
Enhanced Accuracy (within 30 days of autocalibration, T
OPER ±5ºC from TACAL)
Range 31
Resolution
Test
Current 35
(±5%)
Open Circuit
DUT Voltage 32
Accuracy ±(ppm of reading + ppm of range)
24 Hour
T
CAL ±1°C
33
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 years
T
CAL ±5°C
Temperature
Coefficient 34
1.000000
Ω
1 µ
Ω
10 mA
25 mV
25 + 80
50 + 80
50 + 80
50 + 80
1.5 + 0.1
10.00000
Ω
10 µ
Ω
1 mA
25 mV
25 + 80
50 + 80
50 + 80
50 + 80
1.5 + 0.1
100.0000
Ω
100 µ
Ω
100 µA
25 mV
25 + 80
90 + 80
90 + 80
90 + 80
1.5 + 0.1
1.000000 k
Ω
1 m
Ω
10 µA
25 mV
25 + 80
180 + 80
180 + 80
180 + 80
1.5 + 0.1
10.00000 k
Ω
10 m
Ω
5 µA
25 mV
25 + 80
320 + 80
320 + 80
320 + 80
1.5 + 0.1
Accuracy
Range 31
Resolution
Test
Current 35
(±5%)
Open Circuit
DUT Voltage 32
Accuracy ±(ppm of reading + ppm of range)
24 Hour
T
CAL ±1°C
33
90 Day
T
CAL ±°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 34
1.000000
Ω
1 µ
Ω
10 mA
25 mV
25 + 80
50 + 80
70 + 80
90 + 80
2.5 + 1
10.00000
Ω
10 µ
Ω
1 mA
25 mV
25 + 80
50 + 80
70 + 80
90 + 80
5 + 1
100.0000
Ω
100 µ
Ω
100 µA
25 mV
25 + 80
90 + 80
140 + 80
200 + 80
2.5 + 1
1.000000 k
Ω
1 m
Ω
10 µA
25 mV
25 + 80
180 + 80
400 + 80
600 + 80
5 + 1
10.00000 k
Ω
10 m
Ω
5 µA
25 mV
25 + 80
320 + 80
800 + 80
1300 + 80
8 + 1
RMS Noise (additional peak noise uncertainty) 36
Applies to ± ppm of range.
Peak noise uncertainty is included in DC specifications for
≥1 PLC.
Add peak noise uncertainty to measurements when < 1 PLC.
NOTES
31. 20% overrange on all ranges, except 2.4 k
Ω for the 10 kΩ range.
32. Maximum clamp voltages are DC, typical accuracy is ±20%. Add 20% for offset compensation on.
33. Relative to calibration accuracy.
34. Add per degree from T
CAL ±5°C.
35. Test current with offset compensation off.
36. Noise values are based on 1000 readings with autozero on and using low thermal 4-wire short.
RMS noise is typical. Additional peak noise is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com