Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 22 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 22 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 18Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 19Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 20Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 21Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 22Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 23Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 24Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 25Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 26Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Datasheet
TEK.COM
22
Analog Triggering 99
Analog Level, Edge, Or Window Trigger Types 100
Trigger Characteristics
Voltage Input
Current Input
Input
100 mV to 1000 V
10 µA to 10 A
Resolution
0.05%
0.05%
Basic Accuracy (T
ACAL ±5°C)
101, 102
1%
1%
Analog Trigger Latencies
Digital I/O
External
Positive Logic
800 ns + 40 ns jitter
930 ns + 40 ns jitter
Negative Logic
800 ns + 40 ns jitter
840 ns + 40 ns jitter
Window Filter and Memory (buffer)
Window Filter Size
0 to 10% of reading, where 0 averages all readings.
Memory
Up to 27.5 million timestamped readings with the compact buffer style, with additional memory available
using an external USB flash drive.
Maximum Internal Memory (Buffer) 27.5 million readings with the compact buffer style (6½-digit without formatting), 11 million readings with
the standard or full buffer style.
General Instrument Specifications
Specification Conditions
This document contains specifications and supplemental information for the DMM7510 Precision Sampling
Digital Multimeter instrument. Specifications are the standards against which the DMM7510 is tested. Upon
leaving the factory, the DMM7510 meets these specifications. Supplemental, typical, and characteristic
values are non-warranted, apply at 23°C, and are provided solely as useful information. All specifications
apply to front or rear terminal inputs, except 10 A specifications (rear terminals only).
Input Protection
1010 V DC (715 V
RMS V AC) all ranges and functions on HI and LO terminals; 350 V all ranges and functions
on sense HI, sense LO terminals; 250 V rated current input terminal; fused 3 A and 10 A ranges; current
input terminals protected to 1 kV.
3 A Input Fuse Protection
3.5 A, 1 kV fast blow type; Keithley part number DMM7510-FUSE-3A.
10 A Input Fuse Protection
11 A, 1 kV fast blow type; Keithley part number DMM7510-FUSE-10A.
AC Voltage input
Maximum DCV: 1000V on any AC voltage range.
Common Mode Isolation
500 VDC or ACVpeak LO to chassis. All terminals >10 G
Ω, <350 pF any terminal to chassis.
Power Line
Universal input, 100 V to 240 V.
Line Frequency
50 Hz or 60 Hz, automatically sensed at power-up.
Power Consumption
60 VA.
Operating Environment
Specified for 0° to 50°C,
≤80% relative humidity at 35°C, altitude up to 2000 meters.
Storage Environment
–30° to 70°C.
Real Time Clock
Lithium battery backup (3+ years battery life).
EMC
Conforms to European Union EMC Directive.
Safety
NRTL listed to UL61010-1, and CSA C22.2 No 61010-1; conforms with European Union Low
Voltage Directive.
NOTES
99. For DC or AC coupled, the trigger level can be set up to 100% of measure range.
100. Rising or falling edge triggering supported. Window trigger requires setting two independent levels.
101. Trigger event occurs after the threshold crossing at a time determined by total trigger latencies.
102. Accuracy specifications require user
ACAL and are verified with level trigger amplitude set to 50% of range with a 100 Hz sine wave at 100% full scale of range. High frequency rejection is
off. NPLC 0.0005 (DC voltage/DC current) or aperture 1 µs for digitize voltage or digitize current. Specified for fixed range, autozero off. For digitized DC voltage AC coupled, add 0.5%.
For DC current and digitized DC current 3 A or 10 A ranges, add an additional 2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com