Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMM7510-RACK Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # DMM7510-RACK
Description  DMM 7510 7쩍-Digit Graphical Sampling Multimeter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DMM7510-RACK Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button DMM7510-RACK Datasheet HTML 2Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 3Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 4Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 5Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 6Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 7Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 8Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 9Page - TEKTRONIX, INC. DMM7510-RACK Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Datasheet
TEK.COM
6
Examples:
10 V at 0.006 PLC: 1.2 (from Accuracy table) + 11 (additional peak noise uncertainty) = 12.2 ppm of range.
10 V at 1 PLC: 1.2 + 0 = 1.2 ppm of range.
NPLC
Digits
100 mV
1 V
10 V
100 V
1000 V
5
0.5
0.08
0.06
0.3
0.06
1
0.5
0.09
0.07
0.4
0.07
0.2 8
2 (10)
0.2 (1.6)
0.1 (1.1)
1.1 (9.4)
0.1 (1)
0.2
2 (12)
0.2 (1.6)
0.1 (1)
1.1 (8.9)
0.2 (1.1)
0.06
3 (17)
0.4 (2.7)
0.3 (2.1)
3 (17)
0.3 (2.4)
0.006
6 (42)
3 (18)
1 (11)
20 (100)
3 (18)
0.0005
30 (220)
20 (150)
20 (130)
120 (690)
20 (150)
DC Voltage Sense Accuracy
Accuracy ±(ppm of reading + ppm of range)
Range
24 Hour
T
CAL ±1°C
90 Day
T
CAL ±5°C
1 Year
T
CAL ±5°C
2 Year
T
CAL ±5°C
Temperature
Coefficient 9
100.00000 mV
6 + 14
12 + 14
18 + 14
29 + 14
0.1 + 2.5
1.0000000 V
4 + 1.5
9 + 3
15 + 3
26 + 3
0.1 + 0.5
10.00000 V
2 + 1.0
9 + 1.8
14 + 1.8
22 + 1.8
0.1 + 0.05
DC Voltage Ratio
For input signals
≥1% of the range, ratio accuracy = ±[[V
INPUT ppm of reading + VINPUT ppm of range * (VINPUT range/VINPUT input)] + [VSENSE ppm of
reading + V
SENSE ppm of range * (VSENSE range/VSENSE input)]].
DC Voltage Characteristics
ADC Linearity
1.0 ppm of reading + 1.0 ppm of range.
Input Impedance
100 mV to 10 V Ranges: Selectable >10 G
Ω || <400 pF (auto) or 10 MΩ ±1% (10 MΩ).
100 V to 1000 V Ranges: 10 M
Ω ±1%.
Input Bias Current
<50 pA at 23°C under the following conditions: Autozero off or input impedance 10 M
Ω.
Common Mode Current
<2.1 µA peak-peak in 1 MHz bandwidth.
<100 nA peak-peak in 1 kHz bandwidth.
Common Mode Voltage
500 V
peak LO terminal to chassis maximum.
DC Voltage Autozero Off Error
For ±1°C and
≤10 minutes, add ±(8 ppm of reading + 15 µV).
Normal Mode Rejection
For DC voltage, line frequency ±0.1%.
5 PLC
1 PLC
≤0.2 PLC
≤0.01 PLC
Line Sync On
110 dB
90 dB
45 dB
Line Sync Off
60 dB
60 dB
NOTES
8. With line sync on.
9. Add per degree from T
CAL ±5°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com