Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 12 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 8Page - STMicroelectronics MTC20136 Datasheet HTML 9Page - STMicroelectronics MTC20136 Datasheet HTML 10Page - STMicroelectronics MTC20136 Datasheet HTML 11Page - STMicroelectronics MTC20136 Datasheet HTML 12Page - STMicroelectronics MTC20136 Datasheet HTML 13Page - STMicroelectronics MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MTC20136
12/25
External pins
These physical pins are used for different logical functions, depending on the external device which is ac-
cessed. The correspondance between physical and logical functions is given in Table 1
B7
E_A2
EBI Address
A7
E_A3
EBI Address
C7
E_A4
EBI Address
D6
VDD
VDD
A6
VSS
VSS
B6
E_A5
EBI Address
C6
E_A6
EBI Address
A4
E_A7
EBI Address
D5
E_A8
EBI Address
B5
E_A9
EBI Address
A3
VDD
VDD
C5
VSS
VSS
B4
E_A10
EBI Address
A2
E_A11
EBI Address
B3
E_A12
EBI Address
B1
E_A13
EBI Address
E_D[15:0]
16 bit data, multiplexed address/data
E_A[19:0]
20 bit address (including commands for SDRAM)
nCS[7:4]
external chip select
E_CLK
external clock
ALE
Address Latch Enable
nRDYRCV
Ready/Recover driven by selected device together with external pull-up
nOE
output enable
nWE0
Write enable for LSB byte lane E_D[7:0]
nWE1
Write enable for MSB byte lane E_D[15:8]
Table 1.
Pin Name
MTC20135, MTC20455
access function
SDRAM
access function
SRAM/FEPROM
access function
E_A [19]
-
S_nRAS
E_A [19]
E_A [18]
-
S_nCAS
E_A [18]
E_A [17]
-
S_DQM0
E_A [17]
E_A [16]
-
S_DQM1
E_A [16]
LFBGA160 Pin Configuration (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com