Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 20 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics MTC20136 Datasheet HTML 21Page - STMicroelectronics MTC20136 Datasheet HTML 22Page - STMicroelectronics MTC20136 Datasheet HTML 23Page - STMicroelectronics MTC20136 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MTC20136
20/25
Table 8. write cycle timing in parallel modes 0 and 1
Read cycle timing
Figure 9. Ctrl-E interface: read cycle timing in parallel modes 0 and 1
Table 9. read cycle timing in parallel modes 0 and 1
Symbol
Description
Min
Max
Unit
t1
C_A Setup to C_notDS (C_notWr) low
0
ns
t2
C_notCS, C_Rd/notWr setup to C_notDS (C_notWr) low
0
ns
t3
C_notDS (C_notWr) pulse width
215
ns
t4
C_D setup to C_notDS (C_notWr) high
15
ns
t5
C_A, C_D hold from C_notDS (C_notWr) high
5
ns
t6
C_notDtAck (C_notRdy) valid from C_notDS (C_notWr) low
15
ns
t7
C_notDtAck (C_notRdy) tri-state from C_notDS (C_notWr) high
15
ns
t8
C_notCS, C_Rd/notWr hold from C_notDS (C_notWr) high
0
ns
t9
C_notCS high to C_notCS Low
100
ns
Symbol
Description
Min
Max
Unit
t1
C_A Setup to C_notDS (C_notRd) low
0
ns
t2
C_notCS, C_Rd/notWr setup to C_notDS (C_notRd) low
0
ns
t3
C_notDS (C_notRd) pulse width
215
ns
t4
C_D valid from C_notDtAck (C_notRdy) low
10
ns
t5
C_A, hold from C_notDS (C_notRd) high
0
ns
t6
C_notDtAck (C_notRdy) valid from C_notDS (C_notRd) high
15
ns
t7
C_notDtAck (C_notRdy) tri-state from C_notDS (C_notRd) high
10
ns
t8
C_notCS, C_Rd/notWr hold from C_notDS (C_notRd) high
10
ns
t9
Data tri-state from C_notDS (C_notRd) high
90
100
ns
t10
Data tri-state from C_notCS high
5
15
ns
t11
C_notCS high to C_notCS low (Min. time between 2 Accesses)
100
ns
t1
C_A[8:0]
C_D[7:0]
C_notCS
C_Rd/notWr
C_notDS
C_notDtAck
C_notRd
Mode 0
C_notWr
C_notRdy
t2
t7
t6
t3
t8
t4
t5
t11
t10
t9
Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com