Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 19 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics MTC20136 Datasheet HTML 21Page - STMicroelectronics MTC20136 Datasheet HTML 22Page - STMicroelectronics MTC20136 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
MTC20136
Generic Parallel Interface
The two parallel bus modes differ only in the definition of 3 control signals: busmode 0 provides a read/
write selector, a data strobe and a ready acknowledge. Busmode 1 provides a read strobe, a write strobe
and a ready acknowledge. The signal definition is shown in following table:
Table 7. Ctrl-E interface signals in parallel interface modes
Write cycle timing
Figure 8. Ctrl-E interface: write cycle timing in parallel modes 0 and 1
Signal name
Type
Function
PIN
C_A[8:0]
I
address bus
C_A[8:0]
C_D[7:0]
IO
byte wide bidirectional data bus
C_D[7:0]
C_notCS
I
chip select
C_notCS
C_notInt
OZ
Interrupt output, derived from CtrleInt1 signal from
Mailbox : low when CtrleInt1 is low, else tri-stated
C_notInt
Mode 0 : Motorola-compatible mode
C_Mode[1:0]
I
00b
C_Mode[1:0]
C_Rd/notWr
I
read access if 1, write access if 0
C_notWr
C_notDS
I
Data Strobe
C_notRd
C_notDtAck
OZ
Bus cycle ready indication, indicates that data on bus
can be sampled or removed
C_notRdy
Mode 1 : Intel-compatible mode
C_Mode[1:0]
I
01b
C_Mode[1:0]
C_notWr
I
write cycle indication
C_notWr
C_notRd
I
read cycle indication
C_notRd
C_notRdy
OZ
Bus cycle ready indication, indicates that data on bus
can be sampled or removed, same as in mode 0
C_notRdy
t1
C_A[8:0]
C_D[7:0]
C_notCS
C_Rd/notWr
C_notDS
C_notDtAck
C_notWr
Mode 0
C_notRd
C_notRdy
t2
t7
t6
t3
t8
t4
t5
t9
Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com