Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 5 Page - STMicroelectronics

  MTC20136 Datasheet HTML 1Page - STMicroelectronics MTC20136 Datasheet HTML 2Page - STMicroelectronics MTC20136 Datasheet HTML 3Page - STMicroelectronics MTC20136 Datasheet HTML 4Page - STMicroelectronics MTC20136 Datasheet HTML 5Page - STMicroelectronics MTC20136 Datasheet HTML 6Page - STMicroelectronics MTC20136 Datasheet HTML 7Page - STMicroelectronics MTC20136 Datasheet HTML 8Page - STMicroelectronics MTC20136 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
MTC20136
Boot_M0
I/O
Download Mode .UART BaudRate.
(Auto adjust or 9600 Bps).
Boot_M1
I/O
Download Mode Select (CTRL-E or UART1)
Ctrl-E Interface (Parallel mode only described - see above for Serial Mode)
C_A[8:0]
I
Address bus (5 V tolerant)
C_D[7:0]
IO
Data bus (5 V tolerant)
C_nCS
I
Chip select (5 V tolerant)
C_nInt
OD
Ctrl-E external interrupt
C_mode[1:0]
I
Ctrl-E interface bus mode (5 V tolerant)
C_nWr
I
Write indication (5V tolerant)
C_nRd
I
Read indication (5V tolerant)
C_nRdy
OZ
Ready indication
C_clk
I
Serial Input clock (5V tolerant)
I
=
Input, CMOS levels
I-PU
=
Input with pull-up resistance, CMOS levels
I-PD
=
Input with pull-down resistance, CMOS levels
I-TTL
=
Input TTL levels
O
=
Push-pull output
OZ
=
Push-pull output with high-impedance state
OD
=
Open Drain output
IO
=
input / Tri-state Push-pull output
PQFP144 Pin Configuration
(Default Value between ( ))
Pin#
Name
Function
1
E_A14
EBI Address
2
E_A15
EBI Address
3
E_A16
EBI Address
4
E_A17
EBI Address
5VDD
VDD
6
VSS
VSS
7
E_A18
EBI Address
8
E_A19
EBI Address
9
EIT0
External Interrupt In - 0
10
EIT1
External Interrupt In - 1
11
VDD
VDD
12
VSS
VSS
13
EIT2
External Interrupt In - 2
14
EIT3
External Interrupt In -3
15
I_MODE
Tracking ICE Mode Select (0)
16
E_CLK
EBI Clock Out
17
E_ALE
EBI ALE
18
VDD
VDD
Name
I/O Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com