Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 22 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics MTC20136 Datasheet HTML 21Page - STMicroelectronics MTC20136 Datasheet HTML 22Page - STMicroelectronics MTC20136 Datasheet HTML 23Page - STMicroelectronics MTC20136 Datasheet HTML 24Page - STMicroelectronics MTC20136 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MTC20136
22/25
Input/Output CMOS Generic Characteristics
The values presented in the following table apply for all CMOS inputs and/ or outputs unless specified oth-
erwise.
Table 12. CMOS IO buffers generic characteristics
The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The avail-
able values are 2, 4 and 8 mA.
Input/Output TTL Generic Characteristics
The values presented in the following table apply for all TTL inputs and/or outputs unless specified other-
wise.
Table 13. TTL IO buffers generic characteristics
The reference current is dependent on the exact buffer chosen and is a part of the buffer name. The avail-
able values are currently 2, 4 and 8 mA.
OPERATING CONDITIONS
Table 14. Operating Conditions
DC Electrical Characteristics
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
0.2*
VDD
V
VIH
High level input voltage
0.8*VDD
V
VHY
Schmitt trigger
hysteresis
slow edge < 1 V/ms, only
for SCHMITx
0.8
V
VOL
Low level output
voltage
IOUT = XmA[
0.4
V
VOH
High level output
voltage
IOUT = -XmA[
0.85*VDD
V
DC Electrical Characteristics
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
0.8
V
VIH
High level input voltage
2.0
V
VILHY
Low level threshold, falling
slow edge < 1 V/ms
0.9
1.35
V
VIHHY
High level threshold, rising
slow edge < 1 V/ms
1.3
1.9
V
VHY
Schmitt trigger hysteresis
slow edge < 1 V/ms
0.4
0.7
V
VOL
Low level output voltage
IOUT = XmA[
0.4
V
VOH
High level output voltage
IOUT = -XmA[
2.4
V
Maximum ratings
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3.0
3.3
3.6
V
Tamb
Ambient temperature1m/s airflow
-40
+85
°C
P
Power dissipation
300
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com