Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 11Page - STMicroelectronics MTC20136 Datasheet HTML 12Page - STMicroelectronics MTC20136 Datasheet HTML 13Page - STMicroelectronics MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
MTC20136
Figure 5. SDRAM write access (CAS latency = 3; Burst length = 4)
Memory
Following features are provided for memory access (SRAM or FEPROM) :
– 16 bit databus and 20 bit address bus giving 1Mbyte address space per chip select
– control signals : E_nCS[0:1], E_nOE, E_nWE0, E_nWE1
– setup and wait state insertion
– 8, 16 and 32 bit access by MTC20136 to 8 or 16 bit memory according to little endian convention
Figure 6. EBI memory access (32-bit Word R/W to 16 bit memory), maximum speed timing
EAact
EArw
EApre
S_clk
S_nCS
S_nRAS
S_nCAS
S_nWE
S_DQM[1:0]
S_A[11:0]
S_Q[15:0]
EBI
E_nCSi
E_nOE
E_nWEO
E_nWE1
E_A[19:2]
A1[19:2]
A2[19:2]
E_A[1:0]
00
10
00
10
E_D[15:0]
LSB MSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com