Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 16 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 12Page - STMicroelectronics MTC20136 Datasheet HTML 13Page - STMicroelectronics MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MTC20136
16/25
EBI Interface Timing
All timing parameters are specified at a load of 100 pF, all the electrical levels are CMOS compatible.
Table 2. All signals
Table 3. EBI signal timing with respect to E_CLK
CTRLE
The Ctrl-E interface is an ADSL-oriented mailbox system to exchange control and status messages be-
tween MTC20136 and an external controller. It consists of a mailbox and a physical interface. The mailbox
has two 8-bit command registers to pass commands from the MTC20136 internal controller bus (ASB) to
Ctrl-E (RxCommand) and from Ctrl-E to ASB (TxCommand), and two status registers (RxComAv and Tx-
ComAv) to indicate the status of the command register. Data associated with a command can be ex-
changed using a common CtrleDataBuffer. A hardware semaphore mechanism is provided to allow
control of data consistency of the CtrleDataBuffer.
Figure 7. Ctrl-E interface controller principle
Symbol
Parameters
Min
Typ
Max
Unit
tr,tf
Rise and Fall time (10% - 90%)
3
ns
Ci
Input load
10
pF
Co
Output load
100
pF
Symbol
Parameters
Min
Max
Unit
Tdh
Data input hold time from E_CLK
3
ns
Tds
Data input setup time to E_CLK
10
ns
Tdd
Data/Address output valid/tri-state delay from E_CLK
10
ns
Twrd
ALE delay from E_CLK
6
ns
Toed
notOE delay from E_CLK
6
ns
Twed
notWEi delay from E_CLK (falling edge)
6
ns
Twrd
W/notR delay from E_CLK
3
10
ns
Tcsd
notCSi delay from E_CLK
3
10
ns
Ctrl-E
physical interface
Ctrl-E
Mailbox
CtrleDataBuffer
(512*8 bit
dual port RAM)
Semaphore
RxComAv
TxComAv
RxCommand
TxCommand
Mailbox Interrupt
controller
Ctrl-E
Serial
Interface
Generic
Parallel
Interface
TX
RX
D_SELctrle
I/O
MRd
MWr
MA[8:0]
MD[7:0]
MQ[7:0]
Ctrlelnt1
Ctrlelnt0
ASB
To IT-
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com