Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 17 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 13Page - STMicroelectronics MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics MTC20136 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
MTC20136
The Ctrl-E physical interface between the mailbox and an external controller can be used in one of two
modes: as a dedicated serial bus interface or as a generic parallel bus interface. Selection between serial
and parallel mode is done with an external mode strap, IO pins are shared.
Ctrl-E Mailbox
The Ctrl-E Mailbox occupies a 512 byte memory map accessible by the Ctrl-E physical interface and by
the ASB bus. The mailbox memory map is given in Table 4.
An external interrupt can be generated by the Mailbox interrupt controller.
A full description of the CTRLE protocol and use of the CTRLE mailbox is available in the “CTRLE Inter-
face Specifications” documents, available separately.
Table 4. Ctrl-E controller memory map:
Field
Acc
Mailbox
Address MA[8:0]
Size(bit)
Initial
Function
TxCommand
RW
000h
800h
Command written by Ctrl-E, read by
ASB
RxCommand
RW
001h
800h
Command written by ASB, read by
Ctrl-E
TxComAv
RW
002h
10b
1-bit register : 1 if TX command
available
RxComAv
RW
003h
10b
1-bit register : 1 if RX command
available
Semaphore
PV
004h
200b
Semaphore for access to written by
ASB, read by Ctrl-E
CtrleDataBuffer
RW
005h-1FFh
800h
507x8 bit data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com