Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 21 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics MTC20136 Datasheet HTML 21Page - STMicroelectronics MTC20136 Datasheet HTML 22Page - STMicroelectronics MTC20136 Datasheet HTML 23Page - STMicroelectronics MTC20136 Datasheet HTML 24Page - STMicroelectronics MTC20136 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
MTC20136
Peripherals
UART
Two identical UARTs are implemented in MTC20136. They offer similar functionality to the standard
16C550 device. They can support bit rates of up to 115.2 K bps and contain two 16 byte FIFOs for receive
and transmit.
General purpose I/Os
Four pins are available for general purpose IOs, two are used as inputs to specify the boot configuration
and two are output under SW control. The latter can be used for instance to drive external LEDs.
Reset
The MTC20136 has an asynchronous, active-low reset pin. An external clock is required to leave the reset
state.
Clock
The MTC20136 is operated from the 35.328MHz Master clock, also used by the other DynaMiTe chips.
ELECTRICAL SPECIFICATIONS
Generic
The values presented in the following table apply for all inputs and/or outputs unless specified otherwise.
Specifically they are not influenced by the choice between CMOS or TTL levels.
Table 10. IO buffers generic DC characteristics
Table 11. IO buffers dynamic characteristics
DC Electrical Characteristics
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IIN
Input leakage current
VIN
= VSS, VDD, no
pull up/pull down
-1
1
µA
IOZ
Tristate leakage
current
VIN
= VSS, VDD, no
pull up/pull down
-1
1
µA
IPU
Pull up current
VIN = VSS
-25
-66
-125
µA
IPD
Pull down current
VIN = VDD
25
66
125
µA
RPU
Pull up resistance
VIN
= VSS
50
kOhm
RPD
Pull down resistance
VIN = VDD
50
kOhm
DC Electrical Characteristics, important for transient but measured at (near) DC
All voltages are referenced to VSS, unless otherwise specified, positive current is towards the device
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
CIN
Input capacitance
@f = 1MHz
5
pF
dI/dt
Current derivative
8 mA driver, slew rate control
8 mA driver, no slew rate control
23.5
mA/ns
89
mA/ns
Ipeak
Peak current
8 mA driver, slew rate control
8 mA driver, no slew rate control
85
mA
100
mA
COUT
Output capacitance
(also bidirectional and
tristate drivers)
@f = 1MHz
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com