Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC20136 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MTC20136
Description  ADSL TRANSCEIVER CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20136 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MTC20136 Datasheet HTML 14Page - STMicroelectronics MTC20136 Datasheet HTML 15Page - STMicroelectronics MTC20136 Datasheet HTML 16Page - STMicroelectronics MTC20136 Datasheet HTML 17Page - STMicroelectronics MTC20136 Datasheet HTML 18Page - STMicroelectronics MTC20136 Datasheet HTML 19Page - STMicroelectronics MTC20136 Datasheet HTML 20Page - STMicroelectronics MTC20136 Datasheet HTML 21Page - STMicroelectronics MTC20136 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MTC20136
18/25
Ctrl-E Semaphore
A simple semaphore mechanism is provided to allow control of the data consistency of the Ctrle-
DataBuffer. One mailbox address is defined as a two-bit semaphore register protected by control logic to
prevent unallowed write accesses to this register.
Before the databuffer is read or written by one of the two interfaces (ASB or Ctrl-E) this interface should
perform a ’P-operation’ on the semaphore. After a read or write of the databuffer the interface should do
a ’V-operation’ releasing the semaphore. P and V operations are performed by write and read accesses
to the semaphore register. The semaphore will be updated as shown in Table 5.
Each semaphore operation (P or V) consists of two consecutive actions that don’t have to be atomic :
a)Write the correct value to the semaphore address (see Table 5)
b)Read the value in the semaphore address.
If the value read is different from the value writen the P or V operation was not succesfull and should be
tried again.
Table 5. Semaphore P and V operations: new value after write by ASB or Ctrl-E
The databuffers can be accessed without using the semaphore mechanism if data consistency is guaran-
teed in another way. If other values are written to the semaphore address than the values listed the write
will not be performed.
Ctrl-E Physical Interface
Two parallel bus modes are defined to support both Motorola-compatible and Intel-compatible timing and
control signals. This interface specification is compliant to Utopia Level 2 Parallel Management Interface.
Selection of the Ctrl-E physical interface bus mode is done with the C_Mode[1:0] input pins :
Table 6. Bus mode selected with C_Mode[1:0] inputs
semaphore
operation
originator
write
value
previous semaphore value
semaphore
free
semaphore
taken by
ASB
Ctrl-E
00b
01b
11b
PASB
01b
01b
01b
11b
Ctrl-E
11b
11b
01b
11b
VASB
00b
00b
00b
11b
Ctrl-E
00b
00b
01b
00b
C_Mode[1]
C_Mode[0]
Description
0
0
Motorola-type parallel interface
0
1
Intel-type parallel interface
11
Reserved
10
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com