Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 67Page - Cirrus Logic CS5378-ISZ Datasheet HTML 68Page - Cirrus Logic CS5378-ISZ Datasheet HTML 69Page - Cirrus Logic CS5378-ISZ Datasheet HTML 70Page - Cirrus Logic CS5378-ISZ Datasheet HTML 71Page - Cirrus Logic CS5378-ISZ Datasheet HTML 72Page - Cirrus Logic CS5378-ISZ Datasheet HTML 73Page - Cirrus Logic CS5378-ISZ Datasheet HTML 74Page - Cirrus Logic CS5378-ISZ Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
CS5378
DS639F1
71
20.2
Digital Filter Registers
The CS5378 digital filter registers control hardware peripherals and filtering functions.
Name
Addr.
Type
# Bits
Description
CONFIG
00
R/W
24
Hardware Configuration
RESERVED
01-0D
R/W
24
Reserved
GPCFG
0E
R/W
24
GPIO[7:0] Direction, Pull-Up Enable, and Data
RESERVED
0F-1F
R/W
24
Reserved
FILTCFG
20
R/W
24
Digital Filter Configuration
GAIN
21
R/W
24
Gain Correction
RESERVED
22-24
R/W
24
Reserved
OFFSET
25
R/W
24
Offset Correction
RESERVED
26-28
R/W
24
Reserved
TIMEBRK
29
R/W
24
Time Break Delay
TBSCFG
2A
R/W
24
Test Bit Stream Configuration
TBSGAIN
2B
R/W
24
Test Bit Stream Gain
SYSTEM1
2C
R/W
24
User Defined System Register 1
SYSTEM2
2D
R/W
24
User Defined System Register 2
VERSION
2E
R/W
24
Hardware Version ID
SELFTEST
2F
R/W
24
Self-Test Result Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com