Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 33Page - Cirrus Logic CS5378-ISZ Datasheet HTML 34Page - Cirrus Logic CS5378-ISZ Datasheet HTML 35Page - Cirrus Logic CS5378-ISZ Datasheet HTML 36Page - Cirrus Logic CS5378-ISZ Datasheet HTML 37Page - Cirrus Logic CS5378-ISZ Datasheet HTML 38Page - Cirrus Logic CS5378-ISZ Datasheet HTML 39Page - Cirrus Logic CS5378-ISZ Datasheet HTML 40Page - Cirrus Logic CS5378-ISZ Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
CS5378
DS639F1
37
10.4 Modulator Data Input
The MDATA input expects 1-bit
∆Σ data at a
512 kHz or 256 kHz rate. The input rate is selected
by a bit in the CONFIG register (0x00). By default,
MDATA is expected at 512 kHz.
The MDATA input one’s density is designed for
full scale positive at 86% and full scale negative at
14%, with absolute maximum over-range capabili-
ty to 93% and 7%. These raw
∆Σ inputs are deci-
mated and filtered by the digital filter to create 24-
bit samples at the output rate.
10.5 Modulator Flag Input
A high MFLAG input signal indicates the
∆Σ mod-
ulator has become unstable due to an analog over-
range input signal. Once the over-range signal is
reduced, the modulator recovers stability and the
MFLAG signal is cleared.
The MFLAG input is mapped to a status bit in the
serial data output stream, and is associated with
each sample when written. See “Serial Data Inter-
face” on page 58 for more information on the
MFLAG error bit in the serial data status byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com