Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 30Page - Cirrus Logic CS5378-ISZ Datasheet HTML 31Page - Cirrus Logic CS5378-ISZ Datasheet HTML 32Page - Cirrus Logic CS5378-ISZ Datasheet HTML 33Page - Cirrus Logic CS5378-ISZ Datasheet HTML 34Page - Cirrus Logic CS5378-ISZ Datasheet HTML 35Page - Cirrus Logic CS5378-ISZ Datasheet HTML 36Page - Cirrus Logic CS5378-ISZ Datasheet HTML 37Page - Cirrus Logic CS5378-ISZ Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
CS5378
DS639F1
34
Write FIR Coefficients - 0x03
This command writes custom coefficients for the
FIR1 and FIR2 filters. The first two data words set
the number of FIR1 and FIR2 coefficients to be
written. The remaining data words are the concate-
nated FIR1 and FIR2 coefficients.
A maximum of 255 coefficients can be written for
each FIR filter, though the available digital filter
computation cycles will limit their practical size.
See “FIR Filter” on page 44 for more information
about FIR filter coefficients.
Sample Command:
Write FIR1 coefficients 0x00022E, 0x000771 then
FIR2 coefficients 0xFFFFB9, 0xFFFE8D.
02 03 00 00 03 00 00 02 00 00 02
Delay 1 ms or poll E2DREQ
02 06 00 02 2E 00 07 71
Delay 1 ms or poll E2DREQ
02 06 FF FF B9 FF FE 8D
Delay 1 ms or poll E2DREQ
Write IIR Coefficients - 0x04
This command writes custom coefficients for the
two stage IIR filter. The IIR architecture and num-
ber of coefficients is fixed, so eight coefficient val-
ues immediately follow this command. The IIR
coefficient write order is: a11, b10, b11, a21, a22,
b20, b21, and b22. See “IIR Filter” on page 52 for
more information about IIR filter coefficients.
Sample Command:
Write IIR1 coefficients 0x84BC9D, 0x7DA1B1,
0x825E4F,
and IIR2 coefficients 0x83694F,
0x3CAD5F, 0x3E5104, 0x835DF8, 0x3E5104.
02 03 00 00 04 84 BC 9D 7D A1 B1
Delay 1 ms or poll E2DREQ
02 06 82 5E 4F 83 69 4F
Delay 1 ms or poll E2DREQ
02 06 3C AD 5F 3E 51 04
Delay 1 ms or poll E2DREQ
02 06 83 5D F8 3E 51 04
Delay 1 ms or poll E2DREQ
Write ROM Coefficients - 0x05
This configuration command selects the on-chip
coefficients for FIR1, FIR2, IIR 1st order, and IIR
2nd order filters for use by the digital filter. One
data word is required to select which internal coef-
ficient sets to use. See “Filter Coefficient Selec-
tion” on page 38 for information about selecting
on-chip FIR and IIR coefficient sets.
Sample Command:
Select IIR1 and IIR2 3 Hz @ 500 SPS low-cut co-
efficients, with FIR1 and FIR2 linear phase high-
cut coefficients. Data word 0x002200.
02 03 00 00 05 00 22 00
Delay 1 ms or poll E2DREQ
Filter Start - 0x08
This command initializes and starts the digital fil-
ter. Measurement data becomes available one full
sample period after this command is issued. No
data words are required for this command.
Sample Command:
02 03 00 00 08
Delay 1 ms or poll E2DREQ
Filter Stop - 0x09
This command disables the digital filter. Measure-
ment data output stops immediately after this com-
mand is issued. No data words are required for this
command.
Sample Command:
02 03 00 00 09
Delay 1 ms or poll E2DREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com