Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 5Page - Cirrus Logic CS5378-ISZ Datasheet HTML 6Page - Cirrus Logic CS5378-ISZ Datasheet HTML 7Page - Cirrus Logic CS5378-ISZ Datasheet HTML 8Page - Cirrus Logic CS5378-ISZ Datasheet HTML 9Page - Cirrus Logic CS5378-ISZ Datasheet HTML 10Page - Cirrus Logic CS5378-ISZ Datasheet HTML 11Page - Cirrus Logic CS5378-ISZ Datasheet HTML 12Page - Cirrus Logic CS5378-ISZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
CS5378
DS639F1
9
Microcontroller Boot Configuration Commands
EEPROM Boot Configuration Commands
[DATA] indicates data word returned from digital filter.
(DATA) indicates multiple words of this type are to be written.
Name
CMD
24-bit
DAT1
24-bit
DAT2
24-bit
Description
NOP
000000
-
-
No Operation
WRITE DF REGISTER
000001
REG
DATA
Write Digital Filter Register
READ DF REGISTER
000002
REG
[DATA]
-
-
Read Digital Filter Register
WRITE FIR COEFFICIENTS
000003
NUM FIR1
(FIR COEF)
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
000004
a11
b11
a22
b21
b10
a21
b20
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
000005
COEF SEL
-
Use On-Chip Coefficients
NOP
000006
-
-
No Operation
NOP
000007
-
-
No Operation
FILTER START
000008
-
-
Start Digital Filter Operation
FILTER STOP
000009
-
-
Stop Digital Filter Operation
Name
CMD
8-bit
DATA
24-bit
Description
NOP
00
-
No Operation
WRITE DF REGISTER
01
REG
DATA
Write Digital Filter Register
WRITE FIR COEFFICIENTS
02
NUM FIR1
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
03
a11
b10
b11
a21
a22
b20
b21
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
04
COEF SEL
Use On-Chip Coefficients
NOP
05
-
No Operation
NOP
06
-
No Operation
FILTER START
07
-
Start Digital Filter Operation
Table 1. Microcontroller and EEPROM Configuration Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com