Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 35Page - Cirrus Logic CS5378-ISZ Datasheet HTML 36Page - Cirrus Logic CS5378-ISZ Datasheet HTML 37Page - Cirrus Logic CS5378-ISZ Datasheet HTML 38Page - Cirrus Logic CS5378-ISZ Datasheet HTML 39Page - Cirrus Logic CS5378-ISZ Datasheet HTML 40Page - Cirrus Logic CS5378-ISZ Datasheet HTML 41Page - Cirrus Logic CS5378-ISZ Datasheet HTML 42Page - Cirrus Logic CS5378-ISZ Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
CS5378
DS639F1
39
11.2.2 Output Word Rate
The CS5378 digital filter supports output word
rates (OWRs) between 4000 SPS and 1 SPS. The
output word rate is selected by the DEC bits in the
FILTCFG register.
When taking data directly from the SINC filter, the
decimation of the FIR1 and FIR2 stages is by-
passed and the actual output word rate is multiplied
by a factor of eight compared with the register se-
lection. When taking data directly from FIR1, the
decimation of the FIR2 stage is bypassed and the
actual output word rate is multiplied by a factor of
two. Data taken from the FIR2, IIR1, IIR2, or IIR3
filtering stages is output at the selected rate.
11.2.3 Digital Filter Clock
The digital filter clock rate is programmable be-
tween 8.192 MHz and 32 kHz by bits in the CON-
FIG register.
Computation Cycles
The minimum digital filter clock rate for a config-
uration depends on the computation cycles required
to complete digital filter convolutions at the select-
ed output word rate. All configurations work for a
maximum digital filter clock, but lower clock rates
consume less power.
Standby Mode
The CS5378 can be placed in a low-power standby
mode by sending the ‘Filter Stop’ configuration
command and programming the digital filter clock
to 32 kHz. In this mode the digital filter idles, con-
suming minimal power until re-enabled by later
configuration commands.
Bits
23:20
19:16
15:12
11:8
7:4
3:0
Selection
0000
0000
IIR2
IIR1
FIR2
FIR1
Figure 22. FIR and IIR Coefficient Set Selection Word
Bits 15:12
IIR2 Coefficients
0000
3 Hz @ 2000 SPS
0001
3 Hz @ 1000 SPS
0010
3Hz @ 500SPS
0011
3Hz @ 333SPS
0100
3Hz @ 250SPS
Bits 11:8
IIR1 Coefficients
0000
3 Hz @ 2000 SPS
0001
3 Hz @ 1000 SPS
0010
3 Hz @ 500 SPS
0011
3 Hz @ 333 SPS
0100
3 Hz @ 250 SPS
Bits 7:4
FIR2 Coefficients
0000
Linear Phase
0001
Minimum Phase
Bits 3:0
FIR1 Coefficients
0000
Linear Phase
0001
Minimum Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com