Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 29Page - Cirrus Logic CS5378-ISZ Datasheet HTML 30Page - Cirrus Logic CS5378-ISZ Datasheet HTML 31Page - Cirrus Logic CS5378-ISZ Datasheet HTML 32Page - Cirrus Logic CS5378-ISZ Datasheet HTML 33Page - Cirrus Logic CS5378-ISZ Datasheet HTML 34Page - Cirrus Logic CS5378-ISZ Datasheet HTML 35Page - Cirrus Logic CS5378-ISZ Datasheet HTML 36Page - Cirrus Logic CS5378-ISZ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
CS5378
DS639F1
33
9.4 Microcontroller Configuration
Commands
A summary of available microcontroller configura-
tion commands is listed in Table 9.
Write DF Register - 0x01
This configuration command writes a specified
digital filter register. Digital filter registers control
hardware peripherals and filtering functions. See
“Digital Filter Registers” on page 71 for the bit def-
initions of the digital filter registers.
Sample Command:
Write digital filter register 0x00 with data value
0x060431. Then write 0x20 with data 0x000240.
02 03 00 00 01 00 00 00 06 04 31
Delay 1 ms or poll E2DREQ
02 03 00 00 01 00 00 20 00 02 40
Delay 1 ms or poll E2DREQ
Read DF Register - 0x02
This command reads a specified digital filter regis-
ter. The register value is requested in the first serial
transaction, with the register value copied to
SPIDAT1 and read in a subsequent serial transac-
tion.
Sample Command:
Read digital filter registers 0x00 and 0x20.
02 03 00 00 02 00 00 00
Delay 1 ms or poll E2DREQ
MOSI: 03 06 00 00 00
MISO: xx xx 06 04 31
02 03 00 00 02 00 00 20
Delay 1 ms or poll E2DREQ
MOSI: 03 06 00 00 00
MISO: xx xx 00 02 40
[DATA] indicates data word returned from digital filter.
(DATA) indicates multiple words of this type are to be written.
Name
CMD
24-bit
DAT1
24-bit
DAT2
24-bit
Description
NOP
000000
-
-
No Operation
WRITE DF REGISTER
000001
REG
DATA
Write Digital Filter Register
READ DF REGISTER
000002
REG
[DATA]
-
-
Read Digital Filter Register
WRITE FIR COEFFICIENTS
000003
NUM FIR1
(FIR COEF)
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
000004
a11
b11
a22
b21
b10
a21
b20
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
000005
COEF SEL
-
Use On-Chip Coefficients
NOP
000006
-
-
No Operation
NOP
000007
-
-
No Operation
FILTER START
000008
-
-
Start Digital Filter Operation
FILTER STOP
000009
-
-
Stop Digital Filter Operation
Table 9. Microcontroller Boot Configuration Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com