Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 78Page - Cirrus Logic CS5378-ISZ Datasheet HTML 79Page - Cirrus Logic CS5378-ISZ Datasheet HTML 80Page - Cirrus Logic CS5378-ISZ Datasheet HTML 81Page - Cirrus Logic CS5378-ISZ Datasheet HTML 82Page - Cirrus Logic CS5378-ISZ Datasheet HTML 83Page - Cirrus Logic CS5378-ISZ Datasheet HTML 84Page - Cirrus Logic CS5378-ISZ Datasheet HTML 85Page - Cirrus Logic CS5378-ISZ Datasheet HTML 86Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
CS5378
DS639F1
83
21. PIN DESCRIPTION
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4:PLL0
GPIO5:PLL1
GPIO6:PLL2
TBSDATA
VDDPAD
GNDPAD
MCLK
MSYNC
MDATA
MFLAG
GPIO7:BOOT
SS:EECS
MOSI
MISO
SCK
DRDY
GNDCORE
VDDCORE
TIMEB
SYNC
RESET
CLK
GNDPLL
VDDPLL
Figure 54. CS5378 Pin Assignments
Pin
Name
Pin
Number
Pin
Type
Pin
Description
General Purpose Input / Output
GPIO[0:3]
1, 2, 3, 4
Input / Output
General Purpose I/O.
GPIO[4:6]:PLL[0:2]
5, 6, 7
Input / Output
General Purpose I/O with PLL mode select.
GPIO pins have weak (~100 k
Ω) internal pullups.
PLL mode selection latched immediately after reset.
GPIO7:BOOT
28
Input / Output
General Purpose I/O with boot mode select.
GPIO pins have weak (~100 k
Ω) internal pullups.
Boot mode selection latched immediately after reset.
PLL[2:0]
Reset Mode
111
32.768 MHz clock input (PLL bypass).
110
1.024 MHz clock input.
101
2.048 MHz clock input.
100
4.096 MHz clock input.
011
32.768 MHz clock input (PLL bypass).
010
1.024 MHz manchester input.
001
2.048 MHz manchester input.
000
4.096 MHz manchester input.
BOOT
Reset Mode
1
EEPROM boot
0
Microcontroller boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com