Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 14Page - Cirrus Logic CS5378-ISZ Datasheet HTML 15Page - Cirrus Logic CS5378-ISZ Datasheet HTML 16Page - Cirrus Logic CS5378-ISZ Datasheet HTML 17Page - Cirrus Logic CS5378-ISZ Datasheet HTML 18Page - Cirrus Logic CS5378-ISZ Datasheet HTML 19Page - Cirrus Logic CS5378-ISZ Datasheet HTML 20Page - Cirrus Logic CS5378-ISZ Datasheet HTML 21Page - Cirrus Logic CS5378-ISZ Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
CS5378
DS639F1
18
3. SYSTEM DESIGN WITH CS5378
Figure 9 illustrates a simplified block diagram of
the CS5378 in a single channel measurement sys-
tem.
A differential sensor is connected through the
CS3301/02 differential amplifiers to the CS5371
∆Σ modulator, where analog to digital conversion
occurs. The modulator’s 1-bit output connects to
the CS5378 MDATA input, where the oversam-
pled
∆Σ data is decimated and filtered to 24-bit out-
put samples at a programmed output rate. These
output samples are buffered into an 8-deep data
FIFO and then passed to the system telemetry.
System self tests are performed by connecting the
CS5378 test bit stream (TBS) generator to the
CS4373 test DAC. Analog tests drive differential
signals from the CS4373 test DAC into the multi-
plexed inputs of the CS3301/02 amplifiers or di-
rectly to the differential sensor. Digital loopback
tests internally connect the TBS digital output di-
rectly to the CS5378 modulator input.
3.1 Power Supplies
The system shown in Figure 9 typically operates
from a ±2.5 V or a 5 V analog power supply and a
3.3 V digital power supply. The CS5378 logic core
can be powered from 2.5 V to minimize power con-
sumption, if required.
3.2 Reset Control
System reset is required only for the CS5378 de-
vice, and is a standard active low signal that can be
generated by a power supply monitor or microcon-
troller. Other system devices default to a power-
down state when the CS5378 is reset.
3.3 PLL and Clock Generation
A PLL is included on the CS5378 to generate an in-
ternal
32.768 MHz
master
clock
from
a
1.024 MHz, 2.048 MHz, or 4.096 MHz standard
clock or manchester encoded input. Clock inputs
for other system devices are driven by clock out-
puts from the CS5378.
Digital Filter
w/ PLL
AMP
Geophone
or
Hydrophone
Sensor
M
U
X
µController
or
Configuration
EEPROM
Communication
Interface
CS3301
CS3302
CS5378
System
Telemetry
∆Σ
Modulator
CS5371
∆Σ
Test DAC
CS4373
Figure 9. Single-Channel System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com