Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 24Page - Cirrus Logic CS5378-ISZ Datasheet HTML 25Page - Cirrus Logic CS5378-ISZ Datasheet HTML 26Page - Cirrus Logic CS5378-ISZ Datasheet HTML 27Page - Cirrus Logic CS5378-ISZ Datasheet HTML 28Page - Cirrus Logic CS5378-ISZ Datasheet HTML 29Page - Cirrus Logic CS5378-ISZ Datasheet HTML 30Page - Cirrus Logic CS5378-ISZ Datasheet HTML 31Page - Cirrus Logic CS5378-ISZ Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
CS5378
DS639F1
28
Sample Command:
Write IIR1 coefficients 0x84BC9D, 0x7DA1B1,
0x825E4F,
and IIR2 coefficients 0x83694F,
0x3CAD5F, 0x3E5104, 0x835DF8, 0x3E5104.
03
84 BC 9D 7D A1 B1 82 5E 4F 83 69 4F
3C AD 5F 3E 51 04 83 5D F8 3E 51 04
Write ROM Coefficients - 0x04
This EEPROM command selects the on-chip coef-
ficients for the FIR1, FIR2, IIR 1st order, and IIR
2nd order filters for use by the digital filter. One
data word is required to select which internal coef-
ficient sets to use. See “Filter Coefficient Selec-
tion” on page 38 for information about selecting
on-chip FIR and IIR coefficient sets.
Sample Command:
Select IIR1 and IIR2 3 Hz @ 500 SPS low-cut co-
efficients, with FIR1 and FIR2 linear phase high-
cut coefficients. Data word 0x002200.
04 00 22 00
Filter Start - 0x07
This EEPROM command initializes and starts the
digital filter. Measurement data becomes available
one full sample period after this command is is-
sued.
No data words are required for this EE-
PROM command.
Sample Command:
07
Table 7. EEPROM Boot Configuration Commands
(DATA) indicates multiple words of this type are to be written.
Name
CMD
8-bit
DATA
24-bit
Description
NOP
00
-
No Operation
WRITE DF REGISTER
01
REG
DATA
Write Digital Filter Register
WRITE FIR COEFFICIENTS
02
NUM FIR1
NUM FIR2
(FIR COEF)
Write Custom FIR Coefficients
WRITE IIR COEFFICIENTS
03
a11
b10
b11
a21
a22
b20
b21
b22
Write Custom IIR Coefficients
WRITE ROM COEFFICIENTS
04
COEF SEL
Use On-Chip Coefficients
NOP
05
-
No Operation
NOP
06
-
No Operation
FILTER START
07
-
Start Digital Filter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com