Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5378-ISZ Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 36Page - Cirrus Logic CS5378-ISZ Datasheet HTML 37Page - Cirrus Logic CS5378-ISZ Datasheet HTML 38Page - Cirrus Logic CS5378-ISZ Datasheet HTML 39Page - Cirrus Logic CS5378-ISZ Datasheet HTML 40Page - Cirrus Logic CS5378-ISZ Datasheet HTML 41Page - Cirrus Logic CS5378-ISZ Datasheet HTML 42Page - Cirrus Logic CS5378-ISZ Datasheet HTML 43Page - Cirrus Logic CS5378-ISZ Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
CS5378
DS639F1
40
12. SINC FILTER
The SINC filter primary purpose is to attenuate out-
of-band noise components from the
∆Σ modula-
tors. While doing so, they decimate 1-bit
∆Σ data
into lower frequency 24-bit data suitable for the
FIR and IIR filters.
The SINC filter has three cascaded sections,
SINC1, SINC2, and SINC3, which are each made
up of the smaller stages shown in Figure 23.
The selected output word rate in the FILTCFG reg-
ister automatically determines the coefficients and
decimation ratios selected for the SINC filters.
12.1 SINC1 Filter
The first section is SINC1, a single stage 5th order
fixed decimate by 8 SINC filter. This SINC filter
decimates the incoming 1-bit
∆Σ bit stream from
the modulators down to a 64 kHz rate.
12.2 SINC2 Filter
The second section is SINC2, a multi-stage, vari-
able order, variable decimation SINC filter. De-
pending on the selected output word rate in the
FILTCFG register, different cascaded SINC2 stag-
es are enabled, as shown in Table 11.
12.3 SINC3 Filter
The last section is SINC3, a flexible multi-stage
variable order, variable decimation SINC filter.
Depending on the selected output word rate in the
FILTCFG register, different SINC3 stages are en-
abled, as shown in Table 11.
12.4 SINC Filter Synchronization
The SINC filter is synchronized to the external sys-
tem by the MSYNC signal, which is generated
from the SYNC input. The MSYNC signal sets a
reference time (time 0) for all filter operations, and
the SINC filter is restarted to phase align with this
reference time.
sinc1
8
5th order
4th order
Figure 23. SINC Filter Block Diagram
1-bit
24-bit
∆−Σ
2
stage1
sinc2
4th order
2
stage2
sinc2
5th order
2
stage3
sinc2
6th order
2
stage4
sinc2
4th order
5
stage1
sinc3
4th order
5
stage2
sinc3
4th order
5
stage3
sinc3
5th order
2
stage5
sinc3
6th order
3
stage6
sinc3
6th order
2
stage7
sinc3
Output
Input
5th order
5
stage4
sinc3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com