Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5541 Datasheet HTML 1Page - Cirrus Logic CS5541 Datasheet HTML 2Page - Cirrus Logic CS5541 Datasheet HTML 3Page - Cirrus Logic CS5541 Datasheet HTML 4Page - Cirrus Logic CS5541 Datasheet HTML 5Page - Cirrus Logic CS5541 Datasheet HTML 6Page - Cirrus Logic CS5541 Datasheet HTML 7Page - Cirrus Logic CS5541 Datasheet HTML 8Page - Cirrus Logic CS5541 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CS5541
DS500PP1
5
ANALOG CHARACTERISTICS (Continued)
Notes: 8. See Section
2.1, “Analog Input”.
9. See Section
2.2, “Voltage Reference Input”.
10. VREF must be less than or equal to supply voltages.
11. The CS5541 includes two digital filters. The first filter, which achieves simultaneous rejection of 50/60
Hz, provides single conversion settling at 13.4 SPS throughput or four conversion settling at 53.7 SPS
throughput. The second filter, which achieves 16-bit performance, provides single conversion settling at
64.8 SPS throughput or four conversion settling at 260 SPS throughput.
12. All outputs unloaded. All digital inputs at CMOS levels.
Parameter
Min
Typ
Max
Units
Analog Inputs
Common Mode + Signal on AIN+ or AIN-
(Bipolar/Unipolar Mode)
Single Supply
Dual Supply
0.0
VA-
-
-
VA+
VA+
V
V
CVF Current on AIN+, AIN-
(Note 8)
-
12
-
nA
Input Leakage for MUX when off
-
10
-
pA
Common Mode Rejection
dc
50, 60Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
8
-
pF
Voltage Reference Inputs
Range
(VREF+) - (VREF-)
(Note 10)
0.1
2.5
(VA+) -
(VA-)
V
CVF Current on VREF+ and VREF-
(Note 9)
-
20
-
nA
Common Mode Rejection
dc
50, 60 Hz
-
-
120
120
-
-
dB
dB
Input Capacitance
-
12
-
pF
Dynamic Characteristics
Modulator Sampling Frequency
-
MCLK/2
-
Hz
Filter Settling to 1/2 LSB (Full Scale Step)
(Note 11)
13.4 SPS OWR
53.7 SPS OWR
64.8 SPS OWR
260 SPS OWR
-
-
-
1/OWR
4/OWR
1/OWR
4/OWR
-
-
-
-
s
s
s
s
Power Supplies
DC Power Supply Currents
(Normal Mode)
IA+
ID+
-
-
225
25
280
36
µA
µA
Power Consumption
Normal Mode
(Note 12)
Standby Mode
Sleep Mode
-
-
-
750
75
30
1000
-
-
µW
µW
µW
Power Supply Rejection
dc Positive Supplies
dc Negative Supply
-
-
80
80
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com