Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5541 Datasheet HTML 1Page - Cirrus Logic CS5541 Datasheet HTML 2Page - Cirrus Logic CS5541 Datasheet HTML 3Page - Cirrus Logic CS5541 Datasheet HTML 4Page - Cirrus Logic CS5541 Datasheet HTML 5Page - Cirrus Logic CS5541 Datasheet HTML 6Page - Cirrus Logic CS5541 Datasheet HTML 7Page - Cirrus Logic CS5541 Datasheet HTML 8Page - Cirrus Logic CS5541 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5541
Low-Power, Low-Voltage, 24-Bit
∆Σ ADC
Features
l
∆Σ Analog-to-Digital Converter
- Linearity Error: 0.0015% FS
- RMS Noise: 2
µV
l Two Channel Differential MUX
l Buffered, Fully Differential Analog and
Voltage Reference Inputs
l Scalable VREF Input: 0.1 V to Analog Supply
l Absolute Accuracy via Calibration
l Flexible Digital Filters
- Single Conversion Settling at 13.4 SPS or 4
Conversion Settling at 53.7 SPS with
Simultaneous 50/60 Hz Rejection
- Single Conversion Settling at 64.8 SPS or Four
Conversion Settling at 260 SPS with 16-bit
Resolution
l Simple 3-Wire Serial Interface
- SPITM and MicrowireTM Compatible
- Schmitt Trigger on Serial Clock (SCLK)
l Low Power
- Single +3.0 V Supply
- 330
µA Operating; 10 µA Sleep Current
Description
The CS5541 is a 24-bit low-power and low-voltage
∆Σ
analog-to-digital converter (ADC). It is optimized to con-
vert analog signals in DC measurement applications,
such as temperature and pressure measurement, and
various portable devices where low-power consumption
is required.
To accommodate these applications, the ADC integrates
analog input and reference buffers for increased input
impedance and includes a two-channel multiplexer. Ab-
solute accuracy is achieved via one-time or continuous
calibration modes. The device draws less than 330µA.
The CS5541 includes two digital filters. The first filter,
which achieves simultaneous rejection of 50/60 Hz, pro-
vides single conversion settling at 13.4 SPS throughput
or four conversion settling at 53.7 SPS throughput. The
second filter, which achieves 16-bit performance, pro-
vides single conversion settling at 64.8 SPS throughput
or four conversion settling at 260 SPS throughput.
Low-power, low-voltage operation and an easy-to-con-
figure serial interface reduces time-to-market and makes
the CS5541 an ideal device for low-cost, power-con-
scious DC measurement applications.
ORDERING INFORMATION
CS5541-BS-40 ºC - +85 ºC
16-Pin SSOP
Differential
4th Order
∆Σ
Modulator
Digital
Filter
Serial
Interface
Calibration
Register
Output
Register
Input
Mux
Clock
Generator
X1
X1
X1
X1
VA+
VA-
VD+
DGND
VREF+
VREF-
OSC1 OSC2
AIN1+
AIN1-
AIN2+
AIN2-
SDI
SDO
SCLK
CS
JUN ‘01
DS500PP1


Similar Part No. - CS5541

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5540 CIRRUS-CS5540 Datasheet
425Kb / 22P
LOW POWER LOW VOLTAGE 24- BIT ACD
CS5540-AS CIRRUS-CS5540-AS Datasheet
425Kb / 22P
LOW POWER LOW VOLTAGE 24- BIT ACD
CS5542 CIRRUS-CS5542 Datasheet
297Kb / 30P
22-Bit, Multi-Channel DS ADC Chip Set
CS5542-KL CIRRUS-CS5542-KL Datasheet
297Kb / 30P
22-Bit, Multi-Channel DS ADC Chip Set
CS5543 CIRRUS-CS5543 Datasheet
297Kb / 30P
22-Bit, Multi-Channel DS ADC Chip Set
More results

Similar Description - CS5541

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
308Kb / 20P
Low Power, Buffered 24-Bit Sigma-Delta ADC
8/03-Revision 0
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
Low Power, Buffered 24-Bit Sigma-Delta ADC
A
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
24-bit Sigma-Delta ADC
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com