Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5541 Datasheet HTML 1Page - Cirrus Logic CS5541 Datasheet HTML 2Page - Cirrus Logic CS5541 Datasheet HTML 3Page - Cirrus Logic CS5541 Datasheet HTML 4Page - Cirrus Logic CS5541 Datasheet HTML 5Page - Cirrus Logic CS5541 Datasheet HTML 6Page - Cirrus Logic CS5541 Datasheet HTML 7Page - Cirrus Logic CS5541 Datasheet HTML 8Page - Cirrus Logic CS5541 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CS5541
DS500PP1
3
LIST OF FIGURES
Figure 1. Continuous Running SCLK Timing (Not to Scale) ................................ 9
Figure 2. SDI Write Timing (Not to Scale) ............................................................ 9
Figure 3. SDO Read Timing (Not to Scale) .......................................................... 9
Figure 4. Multiplexer Configuration. ................................................................... 10
Figure 5. Input model for AIN+ and AIN- pins. ................................................... 10
Figure 6. Resolution vs. Voltage Reference ....................................................... 11
Figure 7. Resolution vs. Voltage Reference ....................................................... 11
Figure 8. Input model for VREF+ and VREF- pins. ............................................ 11
Figure 9. CS5541 Configured with +3.0 V Analog Supply. ................................ 12
Figure 10. CS5541 Register Diagram. ............................................................... 13
Figure 11. Command and Data Word Timing. ................................................... 13
Figure 12. Self Calibration of Offset. .................................................................. 16
Figure 13. Self Calibration of Gain. .................................................................... 16
Figure 14. Digital Filter 1 Response ................................................................... 19
Figure 15. Filter 2 Response (MCLK = 32.768 kHz) .......................................... 19
LIST OF TABLES
Table 1. Filter Output Word Rates ................................................................................................ 14
Table 2. Output Conversion Data Register Description (24 bits + flags) ...................................... 18
Table 3. CS5541 24-Bit Output Coding......................................................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com