Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 14Page - Cirrus Logic CS5541 Datasheet HTML 15Page - Cirrus Logic CS5541 Datasheet HTML 16Page - Cirrus Logic CS5541 Datasheet HTML 17Page - Cirrus Logic CS5541 Datasheet HTML 18Page - Cirrus Logic CS5541 Datasheet HTML 19Page - Cirrus Logic CS5541 Datasheet HTML 20Page - Cirrus Logic CS5541 Datasheet HTML 21Page - Cirrus Logic CS5541 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
CS5541
18
DS500PP1
erroneous. The OD flag bit will be cleared to logic 0
when the modulator becomes stable.
The Overrange Flag (OF) bit is set to a logic 1 any
time the input signal is: 1) more positive than posi-
tive full scale, 2) more negative than zero (unipolar
mode), 3) more negative than negative full scale
(bipolar mode). It is cleared back to logic 0 when-
ever a conversion word occurs which is not over-
ranged.
The last 24 SCLKs are used to clock data out of the
conversion data register.
Table 2 and Table 3 illustrate the output coding for
the CS5541. Unipolar conversions are output in bi-
nary format and bipolar conversions are output in
two’s complement format.
2.9.9 Digital Filter
The CS5541 includes two digital filters. The first
filter which achieves simultaneous rejection of
50/60 Hz provides single conversion settling at
13.4 SPS throughput or four conversion settling at
53.7 SPS throughput. The second filter which
achieves 16-bit performance provides single con-
version settling at 64.8 SPS throughput or four con-
version settling at 260 SPS throughput.
The first filter (13.4 SPS and 53.7 SPS throughput)
is optimized to yield better than 80 dB rejection be-
tween 47 Hz to 63 Hz (i.e. 80 dB minimum rejec-
tion for both 50 Hz and 60 Hz) when the master
clock is 32.768 kHz. The filter has a response as
shown in Figure 14.
The second filter is optimized for higher through-
put, and does not provide 50 Hz or 60 Hz rejection.
It has a frequency response that is shown in Figure
15.
To ease code development, each filter (13.4 SPS or
64.8 SPS throughput) has a mode that only outputs
fully settled output conversions (every 4th convolu-
tion).
D31
D30
D29
D28
D27
D26
D25
D24
01
1
1
1
CH
OD
OF
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
MSB
22212019
18
17
16
15
14
13
12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
11
10
98
76
5
4
3
2
1
LSB
Table 2. Output Conversion Data Register Description (24 bits + flags)
Note:
VFS in the table equals the voltage between ground and full scale for the unipolar mode, or the voltage
between
± full scale for the bipolar mode. See text about error flags under overrange conditions.
Unipolar Input Voltage
Offset Binary
Bipolar Input Voltage
Two’s
Complement
>(VFS-1.5 LSB)
FFFFFF
>(VFS-1.5 LSB)
7FFFFF
VFS-1.5 LSB
FFFFFF
-----
FFFFFE
VFS-1.5 LSB
7FFFFF
-----
7FFFFE
VFS/2-0.5 LSB
800000
-----
7FFFFF
-0.5 LSB
000000
-----
FFFFFF
+0.5 LSB
000001
-----
000000
-VFS+0.5 LSB
800001
-----
800000
<(+0.5 LSB)
000000
<(-VFS+0.5 LSB)
800000
Table 3. CS5541 24-Bit Output Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com