Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5541 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5541
Description  Low-power, High-Voltage, 24-Bit Delta-Sigma ADC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5541 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5541 Datasheet HTML 12Page - Cirrus Logic CS5541 Datasheet HTML 13Page - Cirrus Logic CS5541 Datasheet HTML 14Page - Cirrus Logic CS5541 Datasheet HTML 15Page - Cirrus Logic CS5541 Datasheet HTML 16Page - Cirrus Logic CS5541 Datasheet HTML 17Page - Cirrus Logic CS5541 Datasheet HTML 18Page - Cirrus Logic CS5541 Datasheet HTML 19Page - Cirrus Logic CS5541 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
CS5541
16
DS500PP1
2.9.2 One Time Calibration followed by Con-
tinuous Conversions
After the first command instructing the ADC to en-
ter this mode is given, an offset calibration is per-
formed followed by a gain calibration. Then the
first data conversion is performed. Subsequent con-
versions do not include new calibrations. This al-
lows the ADC to provide maximum throughput for
the filter rate selected.
2.9.3 Continuous Conversions with Default
Calibration Coefficients
After the command instructing the ADC to enter
this mode is given, the ADC will utilize the initial-
ized values of the on-chip calibration registers
(Offset = 0, Gain = 1.0) for all conversions. This al-
lows the ADC to provide maximum throughput for
the filter rate selected. This mode is recommended
when the user is performing a system calibration.
2.9.4 Continuous Conversions with Existing
Calibration Coefficients
After the command instructing the ADC to enter
this mode is given, the ADC will use the coeffi-
cients from the previous calibration to calculate
conversions. If no prior calibration has been per-
formed since power-up, the ADC will use the de-
fault calibration coefficients (Offset = 0, Gain = 1).
The ADC performs conversions at the maximum
throughput for the filter rate selected.
2.9.5 Output Word Timing
Table 1 describes the output word timing of the
CS5541. D3-D0 are the last four bits of the com-
mand word issued, as described in Section 2.8.
Both td and to are represented graphically in Figure
11. td represents the amount of time for a conver-
sion to be completed, once a valid command is re-
ceived. to is the time required for all subsequent
conversions, before a new command is received.
“Throughput” is the rate at which those subsequent
conversions are output.
Notes: 26. td can be off by one MCLK cycle if SCLK is asynchronous to MCLK.
27. Throughput calculations assume that MCLK = 32.768 kHz.
D3-D0
td - First Output (cycles)
Note 26
to - Subsequent Outputs (cycles)
Throughput (SPS)
Note 27
0000
7358
4884
6.7093
0001
7358
2442
13.418
001x
2474
2442
13.418
0100
1550
1012
32.379
0101
1550
506
64.759
011x
538
506
64.759
100x
7358
610
53.718
101x
2474
610
53.718
110x
1550
126
260.06
111x
538
126
260.06
Table 1. Filter Output Word Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com